Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT9V024 Datasheet(PDF) 38 Page - ON Semiconductor

Part # MT9V024
Description  Wide-VGA CMOS Digital Image Sensor
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MT9V024 Datasheet(HTML) 38 Page - ON Semiconductor

Back Button MT9V024 Datasheet HTML 34Page - ON Semiconductor MT9V024 Datasheet HTML 35Page - ON Semiconductor MT9V024 Datasheet HTML 36Page - ON Semiconductor MT9V024 Datasheet HTML 37Page - ON Semiconductor MT9V024 Datasheet HTML 38Page - ON Semiconductor MT9V024 Datasheet HTML 39Page - ON Semiconductor MT9V024 Datasheet HTML 40Page - ON Semiconductor MT9V024 Datasheet HTML 41Page - ON Semiconductor MT9V024 Datasheet HTML 42Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 62 page
background image
MT9V024_DSRev. G Pub. 4/15 EN
37
©Semiconductor Components Industries, LLC, 2015.
MT9V024: 1/3-Inch Wide-VGA Digital Image Sensor
Feature Description
The offset correction voltage is generated according to the following formulas:
Offset Correction Voltage = (8-bit signed two’s complement calibration value, – 127 to 127) × 0.25mV
(EQ 19)
ADC input voltage = (Pixel Output Voltage) * Analog Gain + Offset Correction Voltage × (Analog Gain + 1)
(EQ 20)
Defective Pixel Correction
Defective pixel correction is intended to compensate for defective pixels by replacing
their value with a value based on the surrounding pixels, making the defect less notice-
able to the human eye. The locations of defective pixels are stored in a ROM on chip
during the manufacturing process; the maximum number of defects stored is 32. There
is no provision for later augmenting the table of programmed defects. In the defect
correction block, bad pixels will be substituted by either the average of its neighboring
pixels, or its nearest-neighbor pixel, depending on pixel location.
Defective Pixel Correction is enabled by R0x07[9]. By default, correction is enabled, and
pixels mapped in internal ROM are replaced with corrected values. This might be unac-
ceptable to some applications, in which case pixel correction should be disabled
(R0x07[9] = 0).
For complete details on using Defective Pixel Correction, refer to TN-09-250, “Defective
Pixel Correction - Description and Usage”.
Row-wise Noise Correction
Row-wise noise correction is controlled by the following registers:
•R0x70 Row Noise Control
•R0x72 Row Noise Constant
Row-wise noise cancellation is performed by calculating a row average from a set of opti-
cally black pixels at the start of each row and then applying each average to all the active
pixels of the row. Read Dark Columns register bit and Row Noise Correction Enable
register bit must both be set to enable row-wise noise cancellation to be performed. The
behavior when Read Dark Columns register bit = 0 and Row Noise Correction Enable
register bit = 1 is undefined.
The algorithm works as follows:
Logical columns 755-790 in the pixel array provide 36 optically black pixel values. Of the
36 values, two smallest value and two largest values are discarded. The remaining 32
values are averaged by summing them and discarding the 5 LSB of the result. The 10-bit
result is subtracted from each pixel value on the row in turn. In addition, a positive
constant will be added (Reg0x71, bits 7:0). This constant should be set to the dark level
targeted by the black level algorithm plus the noise expected on the measurements of
the averaged values from dark columns; it is meant to prevent clipping from negative
noise fluctuations.
Pixel value = ADC value – dark column average + R0x71[9:0]
(EQ 21)
Note that this algorithm does not work in color sensor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com