Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT9V024 Datasheet(PDF) 25 Page - ON Semiconductor

Part # MT9V024
Description  Wide-VGA CMOS Digital Image Sensor
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MT9V024 Datasheet(HTML) 25 Page - ON Semiconductor

Back Button MT9V024 Datasheet HTML 21Page - ON Semiconductor MT9V024 Datasheet HTML 22Page - ON Semiconductor MT9V024 Datasheet HTML 23Page - ON Semiconductor MT9V024 Datasheet HTML 24Page - ON Semiconductor MT9V024 Datasheet HTML 25Page - ON Semiconductor MT9V024 Datasheet HTML 26Page - ON Semiconductor MT9V024 Datasheet HTML 27Page - ON Semiconductor MT9V024 Datasheet HTML 28Page - ON Semiconductor MT9V024 Datasheet HTML 29Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 62 page
background image
MT9V024_DSRev. G Pub. 4/15 EN
24
©Semiconductor Components Industries, LLC, 2015.
MT9V024: 1/3-Inch Wide-VGA Digital Image Sensor
Feature Description
the user supplied EXPOSURE pulse train. The frame synchronization waveforms for
snapshot mode are shown in Figure 18 on page 20. Additional details on this mode can
be found in TN-09-225 Snapshot Exposure Mode Operation.
Figure 17:
Snapshot Mode Interface Signals
Figure 18:
Snapshot Mode Frame Synchronization Waveforms
Slave Mode
In slave mode, the exposure and readout are controlled using the EXPOSURE,
STFRM_OUT, and STLN_OUT pins. When the slave mode is enabled, STFRM_OUT and
STLN_OUT become input pins.
The start and end of integration are controlled by EXPOSURE and STFRM_OUT pulses,
respectively. While a STFRM_OUT pulse is used to stop integration, it is also used to
enable the readout process.
After integration is stopped, the user provides STLN_OUT pulses to trigger row readout.
A full row of data is read out with each STLN_OUT pulse. The user must provide enough
time between successive STLN_OUT pulses to allow the complete readout of one row.
It is also important to provide additional STLN_OUT pulses to allow the sensors to read
the vertical blanking rows. It is recommended that the user program the vertical blank
register (R0x06) with a value of 4, and achieve additional vertical blanking between
frames by delaying the application of the STFRM_OUT pulse.
CONTROLLER
EXPOSURE
SYSCLK
PIXCLK
LINE_VALID
FRAME_VALID
DOUT(9:0)
MT9V024
EXPOSURE
TIME
FRAME TIME
TEW
TE2E
TLED2FV
TFV2E
TVBLANK
TE2LED
EXPOSURE
LED_OUT
FRAME_VALID
LINE_VALID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com