Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT9V024 Datasheet(PDF) 29 Page - ON Semiconductor

Part # MT9V024
Description  Wide-VGA CMOS Digital Image Sensor
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MT9V024 Datasheet(HTML) 29 Page - ON Semiconductor

Back Button MT9V024 Datasheet HTML 25Page - ON Semiconductor MT9V024 Datasheet HTML 26Page - ON Semiconductor MT9V024 Datasheet HTML 27Page - ON Semiconductor MT9V024 Datasheet HTML 28Page - ON Semiconductor MT9V024 Datasheet HTML 29Page - ON Semiconductor MT9V024 Datasheet HTML 30Page - ON Semiconductor MT9V024 Datasheet HTML 31Page - ON Semiconductor MT9V024 Datasheet HTML 32Page - ON Semiconductor MT9V024 Datasheet HTML 33Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 62 page
background image
MT9V024_DSRev. G Pub. 4/15 EN
28
©Semiconductor Components Industries, LLC, 2015.
MT9V024: 1/3-Inch Wide-VGA Digital Image Sensor
Feature Description
Pixel Integration Control
Total Integration
Total integration time is the result of coarse shutter width and fine shutter width regis-
ters, and depends also on whether manual or automatic exposure is selected.
The actual total integration time, tINT is defined as:
tINT = tINTCoarse + tINTFint
(EQ 2)
= (number of rows of integration x row time) +
(number of pixels of integration x pixel time)
where:
– Number of Rows of Integration
(Auto Exposure Control: Enabled)
When automatic exposure control (AEC) is enabled, the number of rows of integra-
tion may vary from frame to frame, with the limits controlled by R0xAC (minimum
coarse shutter width) and R0xAD (maximum coarse shutter width).
– Number of Rows of Integration
(Auto Exposure Control: Disabled)
If AEC is disabled, the number of rows of integration equals the value in R0x0B.
or
If context B is enabled, the number of rows of integration equals the value in
R0xD2.
– Number of Pixels of Integration
The number of fine shutter width pixels is independent of AEC mode (enabled or
disabled):
• Context A: the number of pixels of integration equals the value in R0xD5.
• Context B: the number of pixels of integration equals the value in R0xD8.
Row Timing
Context A: Row time = (R0x04 + R0x05) master clock periods
(EQ 3)
Context B: Row time = (R0xCC + R0xCD) master clock periods
(EQ 4)
Typically, the value of the Coarse Shutter Width Total registers is limited to the number
of rows per frame (which includes vertical blanking rows), such that the frame rate is not
affected by the integration time. If the Coarse Shutter Width Total is increased beyond
the total number of rows per frame, the user must add additional blanking rows using
the Vertical Blanking registers as needed. See descriptions of the Vertical Blanking regis-
ters, R0x06 and R0xCE in Table 1and Table 2 of the MT9V024 register reference.
A second constraint is that tINT must be adjusted to avoid banding in the image from
light flicker. Under 60Hz flicker, this means the frame time must be a multiple of 1/120 of
a second. Under 50Hz flicker, the frame time must be a multiple of 1/100 of a second.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com