Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT9V024 Datasheet(PDF) 31 Page - ON Semiconductor

Part # MT9V024
Description  Wide-VGA CMOS Digital Image Sensor
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MT9V024 Datasheet(HTML) 31 Page - ON Semiconductor

Back Button MT9V024 Datasheet HTML 27Page - ON Semiconductor MT9V024 Datasheet HTML 28Page - ON Semiconductor MT9V024 Datasheet HTML 29Page - ON Semiconductor MT9V024 Datasheet HTML 30Page - ON Semiconductor MT9V024 Datasheet HTML 31Page - ON Semiconductor MT9V024 Datasheet HTML 32Page - ON Semiconductor MT9V024 Datasheet HTML 33Page - ON Semiconductor MT9V024 Datasheet HTML 34Page - ON Semiconductor MT9V024 Datasheet HTML 35Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 62 page
background image
MT9V024_DSRev. G Pub. 4/15 EN
30
©Semiconductor Components Industries, LLC, 2015.
MT9V024: 1/3-Inch Wide-VGA Digital Image Sensor
Feature Description
Exposure Indicator
The exposure indicator is controlled by:
•R0x1B LED_OUT Control
The MT9V024 provides an output pin, LED_OUT, to indicate when the exposure takes
place. When R0x1B bit 0 is clear, LED_OUT is HIGH during exposure. By using R0x1B, bit
1, the polarity of the LED_OUT pin can be inverted.
High Dynamic Range
High dynamic range is controlled by:
In the MT9V024, high dynamic range (by setting R0x0F, bit 0 or 8 to 1) is achieved by
controlling the saturation level of the pixel (HDR or high dynamic range gate) during the
exposure period. The sequence of the control voltages at the HDR gate is shown in
Figure 23. After the pixels are reset, the step voltage, V_Step, which is applied to HDR
gate, is set up at V1 for integration time t1, then to V2 for time t2, then V3 for time t3, and
finally it is parked at V4, which also serves as an antiblooming voltage for the photode-
tector. This sequence of voltages leads to a piecewise linear pixel response, illustrated
(approximately) in Figure 23 and in Figure 24 on page 27.
Figure 23:
Sequence of Control Voltages at the HDR Gate
Context A
Context B
High Dynamic Enable
R0x0F[0]
R0x0F[8]
Shutter Width 1
R0x08
R0xCF
Shutter Width 2
R0x09
R0xD0
Shutter Width Control
R0x0A
R0xD1
V_Step Voltages
R0x31-R0x34
R0x39-R0x3C
t2
t3
V4~0.8V
Exposure
t1
HDR
Voltage
VAA (3.3V)
V1~1.4V
V2~1.2V
V3~1.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com