Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX5243 Datasheet(PDF) 46 Page - ON Semiconductor

Part # AX5243
Description  Advanced high performance ASK
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX5243 Datasheet(HTML) 46 Page - ON Semiconductor

Back Button AX5243 Datasheet HTML 42Page - ON Semiconductor AX5243 Datasheet HTML 43Page - ON Semiconductor AX5243 Datasheet HTML 44Page - ON Semiconductor AX5243 Datasheet HTML 45Page - ON Semiconductor AX5243 Datasheet HTML 46Page - ON Semiconductor AX5243 Datasheet HTML 47Page - ON Semiconductor AX5243 Datasheet HTML 48Page - ON Semiconductor AX5243 Datasheet HTML 49Page - ON Semiconductor AX5243 Datasheet HTML 50Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 65 page
background image
Register Bank Description
www.onsemi.com
AX5243
46
041 BGNDRSSI
RW R
00000000 BGNDRSSI(7:0)
Background RSSI
042 DIVERSITY
RW R
––––––00 –
–
–
–
–
–
ANT SEL
DIV ENA Antenna Diversity Configuration
043 AGCCOUNTER
RW R
–––––––– AGCCOUNTER(7:0)
AGC Current Value
Receiver Tracking
045 TRKDATARATE2
R
R
–––––––– TRKDATARATE(23:16)
Datarate Tracking
046 TRKDATARATE1
R
R
–––––––– TRKDATARATE(15:8)
Datarate Tracking
047 TRKDATARATE0
R
R
–––––––– TRKDATARATE(7:0)
Datarate Tracking
048 TRKAMPL1
R
R
–––––––– TRKAMPL(15:8)
Amplitude Tracking
049 TRKAMPL0
R
R
–––––––– TRKAMPL(7:0)
Amplitude Tracking
04A TRKPHASE1
R
R
–––––––– –
–
–
–
TRKPHASE(11:8)
Phase Tracking
04B TRKPHASE0
R
R
–––––––– TRKPHASE(7:0)
Phase Tracking
04D TRKRFFREQ2
RW R
–––––––– –
–
–
–
TRRFKFREQ(19:16)
RF Frequency Tracking
04E TRKRFFREQ1
RW R
–––––––– TRRFKFREQ(15:8)
RF Frequency Tracking
04F TRKRFFREQ0
RW R
–––––––– TRRFKFREQ(7:0)
RF Frequency Tracking
050 TRKFREQ1
RW R
–––––––– TRKFREQ(15:8)
Frequency Tracking
051 TRKFREQ0
RW R
–––––––– TRKFREQ(7:0)
Frequency Tracking
052 TRKFSKDEMOD1
R
R
–––––––– –
–
TRKFSKDEMOD(13:8)
FSK Demodulator Tracking
053 TRKFSKDEMOD0
R
R
–––––––– TRKFSKDEMOD(7:0)
FSK Demodulator Tracking
054 TRKAFSKDEMOD1
R
R
–––––––– TRKAFSKDEMOD(15:8)
AFSK Demodulator Tracking
055 TRKAFSKDEMOD0
R
R
–––––––– TRKAFSKDEMOD(7:0)
AFSK Demodulator Tracking
Timer
059 TIMER2
R
–
–––––––– TIMER(23:16)
1MHz Timer
05A TIMER1
R
–
–––––––– TIMER(15:8)
1MHz Timer
05B TIMER0
R
–
–––––––– TIMER(7:0)
1MHz Timer
Wakeup Timer
068 WAKEUPTIMER1
R
R
–––––––– WAKEUPTIMER(15:8)
Wakeup Timer
069 WAKEUPTIMER0
R
R
–––––––– WAKEUPTIMER(7:0)
Wakeup Timer
06A WAKEUP1
RW R
00000000 WAKEUP(15:8)
Wakeup Time
06B WAKEUP0
RW R
00000000 WAKEUP(7:0)
Wakeup Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com