Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX5243 Datasheet(PDF) 31 Page - ON Semiconductor

Part # AX5243
Description  Advanced high performance ASK
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX5243 Datasheet(HTML) 31 Page - ON Semiconductor

Back Button AX5243 Datasheet HTML 27Page - ON Semiconductor AX5243 Datasheet HTML 28Page - ON Semiconductor AX5243 Datasheet HTML 29Page - ON Semiconductor AX5243 Datasheet HTML 30Page - ON Semiconductor AX5243 Datasheet HTML 31Page - ON Semiconductor AX5243 Datasheet HTML 32Page - ON Semiconductor AX5243 Datasheet HTML 33Page - ON Semiconductor AX5243 Datasheet HTML 34Page - ON Semiconductor AX5243 Datasheet HTML 35Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 65 page
background image
Circuit Description
www.onsemi.com
AX5243
31
5.8. RF Input and Output Stage (ANTP/ANTN)
The AX5243 antenna interface uses differential pins ANTP and ANTN for both RX and TX.
RX/TX switching is handled internally.
LNA
The LNA amplifies the differential RF signal from the antenna and buffers it to drive the
I/Q mixer. An external matching network is used to adapt the antenna impedance to the
IC impedance. A DC feed to GND must be provided at the antenna pins. For
recommendations, see section 7: Application Information.
PA
In TX mode the PA drives the signal generated by the frequency generation subsystem
out to either the differential antenna terminals or to the single ended antenna pin. The
antenna terminals are chosen via the bits TXDIFF and TXSE in register
MODECFGA.
The output power of the PA is programmed via the register
TXPWRCOEFFB.
The PA can be digitally pre-distorted for high linearity.
The output amplitude can be shaped (raised cosine), this mode is selected with bit
AMPLSHAPE in register
MODECFGA. PA ramping is programmable in increments of the
bit time and can be set to 1 – 8 bit times via bits SLOWRAMP in register
MODECFGA.
Output power as well as harmonic content will depend on the external impedance seen
by the PA, recommendations are given in the section 7: Application Information.
5.9. Digital IF Channel Filter and Demodulator
The digital IF channel filter and the demodulator extract the data bit-stream from the
incoming IF signal. They must be programmed to match the modulation scheme as well
as the data-rate. Inaccurate programming will lead to loss of sensitivity.
The channel filter offers bandwidths of 995 Hz up to 221 kHz.
The AXSEM RadioLab software calculates the necessary register settings for optimal
performance and details can be found in the AX5243 Programming Manual. An overview
of the registers involved is given in the following table as reference. The register setups
typically must be done once at power-up of the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com