Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX5243 Datasheet(PDF) 20 Page - ON Semiconductor

Part # AX5243
Description  Advanced high performance ASK
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX5243 Datasheet(HTML) 20 Page - ON Semiconductor

Back Button AX5243 Datasheet HTML 16Page - ON Semiconductor AX5243 Datasheet HTML 17Page - ON Semiconductor AX5243 Datasheet HTML 18Page - ON Semiconductor AX5243 Datasheet HTML 19Page - ON Semiconductor AX5243 Datasheet HTML 20Page - ON Semiconductor AX5243 Datasheet HTML 21Page - ON Semiconductor AX5243 Datasheet HTML 22Page - ON Semiconductor AX5243 Datasheet HTML 23Page - ON Semiconductor AX5243 Datasheet HTML 24Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 65 page
background image
Specifications
www.onsemi.com
AX5243
20
SYM
DESCRIPTION
CONDITION
MIN
TYP
MAX
UNIT
ISBER868FEC
Input sensitivity at BER = 10-3
for 868 MHz operation,
continuous data,
with FEC
FSK, h = 0.5, 50 kbps
-111
dBm
FSK, h = 0.5, 5 kbps
-122
FSK, 0.1 kbps
-137
ISPER868
Input sensitivity at PER = 1%
for 868 MHz operation, 144 bit
packet data, without FEC
FSK, h = 0.5, 100 kbps
-103
dBm
FSK, h = 0.5, 10 kbps
-115
FSK, 500 Hz deviation,
1.2 kbps
-125
ISWOR868
Input sensitivity at PER = 1%
for 868 MHz operation, 144 bit
packet data, WOR-mode,
without FEC
FSK, h = 0.5, 100 kbps
-102
dBm
IL
Maximum input level
0
dBm
CP1dB
Input referred compression
point
2 tones separated by
100 kHz
-35
dBm
RSSIR
RSSI control range
FSK, 500 Hz deviation,
1.2 kbps
-126
-46
dB
RSSIS1
RSSI step size
Before digital channel
filter; calculated from
register AGCCOUNTER
0.625
dB
RSSIS2
RSSI step size
Behind digital channel
filter; calculated from
registers AGCCOUNTER,
TRKAMPL
0.1
dB
RSSIS3
RSSI step size
Behind digital channel
filter; reading register
RSSI
1
dB
SEL868
Adjacent channel suppression
25 kHz channels
Note 1
45
dB
100 kHz channels
Note 1
47
BLK868
Blocking at +/- 10 MHz offset
FSK 4.8 kbps,
Note 2
78
dB
RAFC
AFC pull-in range
The AFC pull-in range can
be programmed with the
MAXRFOFFSET registers.
The AFC response time
can be programmed with
the FREQGAIND register.
+/-15
%
RDROFF
Bitrate offset pull-in range
The bitrate pull-in range
can be programmed with
the MAXDROFFSET
registers.
+/-10
%
Notes
1.
Interferer/Channel @ BER = 10-3, channel level is +3 dB above the typical sensitivity, the interfering signal is CW; channel signal is
modulated with shaping
2.
Channel/Blocker @ BER = 10-3, channel level is +3 dB above the typical sensitivity, the blocker signal is CW; channel signal is
modulated with shaping



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com