Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX5243 Datasheet(PDF) 41 Page - ON Semiconductor

Part # AX5243
Description  Advanced high performance ASK
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX5243 Datasheet(HTML) 41 Page - ON Semiconductor

Back Button AX5243 Datasheet HTML 37Page - ON Semiconductor AX5243 Datasheet HTML 38Page - ON Semiconductor AX5243 Datasheet HTML 39Page - ON Semiconductor AX5243 Datasheet HTML 40Page - ON Semiconductor AX5243 Datasheet HTML 41Page - ON Semiconductor AX5243 Datasheet HTML 42Page - ON Semiconductor AX5243 Datasheet HTML 43Page - ON Semiconductor AX5243 Datasheet HTML 44Page - ON Semiconductor AX5243 Datasheet HTML 45Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 65 page
background image
Circuit Description
www.onsemi.com
AX5243
41
5.17. General Purpose ADC (GPADC)
The AX5243 features a general purpose ADC. The ADC input pins are GPADC1 and
GPADC2. The ADC converts the voltage difference between applied between pins
GPADC1 and GPADC2. If pin GPADC2 is left open, the ADC converts the difference
between an internally generated value of 800 mV and the voltage applied at pin
GPADC1.
The GPADC can only be used if the receiver is disabled. To enable the GPADC write 1 to
the GPADC13 bit in the
GPADCCTRL register. To start a single conversion, write 1 to the
BUSY bit in the
GPADCCTRL register. Then wait for the BUSY bit to clear, or the GPADC
Interrupt to be asserted. The GPADC Interrupt is cleared by reading the result register
GPADC13VALUE.
If continuous sampling is desired, set the CONT bit in register
GPADCCTRL. The desired
sampling rate can be specified in the
GPADCPERIOD register.
5.18.  DAC
One digital pin – TCXO_EN – may be used as a  Digital-to-Analog Converter. A simple
RC lowpass filter is needed to smooth the output. The DAC may be used to output RSSI,
many demodulator variables, or a constant value under software control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com