Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX5243 Datasheet(PDF) 35 Page - ON Semiconductor

Part # AX5243
Description  Advanced high performance ASK
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX5243 Datasheet(HTML) 35 Page - ON Semiconductor

Back Button AX5243 Datasheet HTML 31Page - ON Semiconductor AX5243 Datasheet HTML 32Page - ON Semiconductor AX5243 Datasheet HTML 33Page - ON Semiconductor AX5243 Datasheet HTML 34Page - ON Semiconductor AX5243 Datasheet HTML 35Page - ON Semiconductor AX5243 Datasheet HTML 36Page - ON Semiconductor AX5243 Datasheet HTML 37Page - ON Semiconductor AX5243 Datasheet HTML 38Page - ON Semiconductor AX5243 Datasheet HTML 39Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 65 page
background image
Circuit Description
www.onsemi.com
AX5243
35
Preamble L
C
M
A
FCS
Optional Data Block (optionally
repeated with FCS)
FCS
variable
8 bit
8 bit
16 bit
48 bit
16 bit
8 – 96 bit
16 bit
For details on implementing a HDLC communication as well as Wireless M-Bus please use
the AXSEM RadioLab software and see the AX5243 Programming Manual.
RAW Modes
In Raw mode, the AX5243 does not perform any packet delimiting or byte
synchronization. It simply serializes transmit bytes and de-serializes the received bit-
stream and groups it into bytes. This mode is ideal for implementing legacy protocols in
software.
Raw mode with preamble match is similar to raw mode. In this mode, however, the
receiver does not receive anything until it detects a user programmable bit pattern
(called the preamble) in the receive bit-stream. When it detects the preamble, it aligns
the de-serialization to it.
The preamble can be between 4 and 32 bits long.
5.12. RX AGC and RSSI
AX5243 features three receiver signal strength indicators (RSSI):
1. RSSI before the digital IF channel filter.
The gain of the receiver is adjusted in order to keep the analog IF filter output
level inside the working range of the ADC and demodulator. The register
AGCCOUNTER contains the current value of the AGC and can be used as an RSSI.
The step size of this RSSI is 0.625 dB. The value can be used as soon as the RF
frequency generation sub-system has been programmed.
2. RSSI behind the digital IF channel filter.
The register
RSSI contains the current value of the RSSI behind the digital IF
channel filter. The step size of this RSSI is 1 dB.
3. RSSI behind the digital IF channel filter high accuracy.
The demodulator also provides amplitude information in the
TRK_AMPLITUDE
register. By combining both the
AGCCOUNTER and the TRK_AMPLITUDE registers,
a high resolution (better than 0.1dB) RSSI value can be computed at the expense
of a few arithmetic operations on the micro-controller. The AXSEM RadioLab
software calculates the necessary register settings for best performance and
details can be found in the AX5243 Programming Manual.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com