Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX5243 Datasheet(PDF) 28 Page - ON Semiconductor

Part # AX5243
Description  Advanced high performance ASK
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX5243 Datasheet(HTML) 28 Page - ON Semiconductor

Back Button AX5243 Datasheet HTML 24Page - ON Semiconductor AX5243 Datasheet HTML 25Page - ON Semiconductor AX5243 Datasheet HTML 26Page - ON Semiconductor AX5243 Datasheet HTML 27Page - ON Semiconductor AX5243 Datasheet HTML 28Page - ON Semiconductor AX5243 Datasheet HTML 29Page - ON Semiconductor AX5243 Datasheet HTML 30Page - ON Semiconductor AX5243 Datasheet HTML 31Page - ON Semiconductor AX5243 Datasheet HTML 32Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 65 page
background image
Circuit Description
www.onsemi.com
AX5243
28
5.6. Power-on-reset (POR)
AX5243 has an integrated power-on-reset block. No external POR circuit is required.
After POR the AX5243 can be reset by first setting the SPI SEL pin to high for at least
100 ns, then setting followed by resetting the bit RST in the
PWRMODE register.
After POR or reset all registers are set to their default values.
5.7. RF Frequency Generation Subsystem
The RF frequency generation subsystem consists of a fully integrated synthesizer, which
multiplies the reference frequency from the crystal oscillator to get the desired RF
frequency. The advanced architecture of the synthesizer enables frequency resolutions of
1 Hz, as well as fast settling times of 5 – 50 s depending on the settings (see section
4.3: AC Characteristics). Fast settling times mean fast start-up and fast RX/TX switching,
which enables low-power system design.
For receive operation the RF frequency is fed to the mixer, for transmit operation to the
power-amplifier.
The frequency must be programmed to the desired carrier frequency.
The synthesizer loop bandwidth can be programmed, this serves three purposes:
1. Start-up time optimization, start-up is faster for higher synthesizer loop
bandwidths
2. TX spectrum optimization, phase-noise at 300 kHz to 1 MHz distance from the
carrier improves with lower synthesizer loop bandwidths
3. Adaptation of the bandwidth to the data-rate. For transmission of FSK and MSK it
is required that the synthesizer bandwidth must be in the order of the data-rate.
VCO
An on-chip VCO converts the control voltage generated by the charge pump and loop
filter into an output frequency. This frequency is used for transmit as well as for receive
operation. The frequency can be programmed in 1 Hz steps in the
FREQ registers. For
operation in the 433 MHz band, the RFDIV bit in the
PLLVCODIV register must be
programmed.
The fully integrated VCO allows to operate the device in the frequency ranges 800 –
1050 MHz and 400 – 525 MHz.
The carrier frequency range can be extended to 54 – 525 MHz and 27 – 262 MHz by
using an appropriate external inductor between device pins L1 and L2. The bit VCO2INT
in the
PLLVCODIV register must be set high to enter this mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com