Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX5243 Datasheet(PDF) 5 Page - ON Semiconductor

Part # AX5243
Description  Advanced high performance ASK
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX5243 Datasheet(HTML) 5 Page - ON Semiconductor

  AX5243 Datasheet HTML 1Page - ON Semiconductor AX5243 Datasheet HTML 2Page - ON Semiconductor AX5243 Datasheet HTML 3Page - ON Semiconductor AX5243 Datasheet HTML 4Page - ON Semiconductor AX5243 Datasheet HTML 5Page - ON Semiconductor AX5243 Datasheet HTML 6Page - ON Semiconductor AX5243 Datasheet HTML 7Page - ON Semiconductor AX5243 Datasheet HTML 8Page - ON Semiconductor AX5243 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 65 page
background image
Table of Contents
www.onsemi.com
AX5243
5
1. Overview
1.1. Features
Advanced multi-channel narrow-
band single chip UHF transceiver
(FSK/MSK/4-FSK/GFSK/GMSK/
ASK/AFSK/FM/PSK)
Low-Power
RX
9.5 mA @ 868 MHz and 433 MHz
6.5 mA @ 169 MHz
TX at 868 MHz
7.5 mA @ 0 dBm
16 mA @ 10 dBm
48 mA @ 16 dBm
50 nA deep sleep current
500 nA power-down current with low
frequency duty cycle clock running
Extended supply voltage range
1.8 V - 3.6 V single supply
High sensitivity / High selectivity
receiver
Data rates from 0.1 kbps to 125 kbps
Optional Forward Error Correction
(FEC)
Sensitivity without FEC
–135 dBm @ 0.1 kbps, 868 MHz, FSK
–126 dBm @
1 kbps, 868 MHz, FSK
–117 dBm @
10 kbps, 868 MHz, FSK
–107 dBm @ 100 kbps, 868 MHz, FSK
–105 dBm @ 125 kbps, 868 MHz, FSK
–138 dBm @ 0.1 kbps, 868 MHz, PSK
–130 dBm @
1 kbps, 868 MHz, PSK
–120 dBm @
10 kbps, 868 MHz, PSK
–109 dBm @ 100 kbps, 868 MHz, PSK
–108 dBm @ 125 kbps, 868 MHz, PSK
Sensitivity with FEC
–137 dBm @ 0.1 kbps, 868 MHz, FSK
–122 dBm @
5 kbps, 868 MHz, FSK
–111 dBm @ 50 kbps, 868 MHz, FSK
High selectivity receiver with up to 45
dB adjacent channel rejection
0 dBm maximum input power
> +/- 10% data-rate error tolerance
Short preamble modes allow the
receiver to work with as little as 16
preamble bits
Fast state switching times
200 s TX  RX switching time
62 s RX  TX switching time
Transmitter
Data-rates from 0.1 kbps to 125 kbps
High efficiency, high linearity
integrated power amplifier
Maximum output power
16 dBm @ 868 MHz
16 dBm @ 433 MHz
16 dBm @ 169 MHz
Power level programmable in 0.5 dB
steps
GFSK shaping with BT=0.3 or BT=0.5
Unrestricted power ramp shaping
Frequency Generation
Configurable for usage in 27 MHz –
1050 MHz bands
RF carrier frequency and FSK
deviation programmable in 1 Hz steps
Ultra fast settling RF frequency
synthesizer for low-power
consumption
Fully integrated RF frequency
synthesizer with VCO auto-ranging
and band-width boost modes for fast
locking
Configurable for either fully
integrated VCO, internal VCO with
external inductor or fully external
VCO
Configurable for either fully
integrated or external synthesizer
loop filter for a large range of
bandwidths
Channel hopping up to 2000 hops/s
Automatic frequency control (AFC)
Flexible antenna interface
Integrated RX/TX switching with
differential antenna pins
Wakeup-on-Radio
640 Hz or 10 kHz lowest power wake-
up timer
Wake-up time interval programmable
between 98 s and 102 s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com