Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX5243 Datasheet(PDF) 33 Page - ON Semiconductor

Part # AX5243
Description  Advanced high performance ASK
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX5243 Datasheet(HTML) 33 Page - ON Semiconductor

Back Button AX5243 Datasheet HTML 29Page - ON Semiconductor AX5243 Datasheet HTML 30Page - ON Semiconductor AX5243 Datasheet HTML 31Page - ON Semiconductor AX5243 Datasheet HTML 32Page - ON Semiconductor AX5243 Datasheet HTML 33Page - ON Semiconductor AX5243 Datasheet HTML 34Page - ON Semiconductor AX5243 Datasheet HTML 35Page - ON Semiconductor AX5243 Datasheet HTML 36Page - ON Semiconductor AX5243 Datasheet HTML 37Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 65 page
background image
Circuit Description
www.onsemi.com
AX5243
33
5.10. Encoder
The encoder is located between the Framing Unit, the Demodulator and the Modulator. It
can optionally transform the bit-stream in the following ways:
It can invert the bit stream.
It can perform differential encoding. This means that a zero is transmitted as no
change in the level, and a one is transmitted as a change in the level.
It can perform Manchester encoding. Manchester encoding ensures that the
modulation has no DC content and enough transitions (changes from 0 to 1 and
from 1 to 0) for the demodulator bit timing recovery to function correctly, but
does so at a doubling of the data rate.
It can perform spectral shaping (also know as whitening). Spectral shaping
removes DC content of the bit stream, ensures transitions for the demodulator bit
timing recovery, and makes sure that the transmitted spectrum does not have
discrete lines even if the transmitted data is cyclic. It does so without adding
additional bits, i.e. without changing the data rate. Spectral Shaping uses a self
synchronizing feedback shift register.
The encoder is programmed using the register
ENCODING, details and recommendations
on usage are given in the AX5243 Programming Manual.
5.11. Framing and FIFO
Most radio systems today group data into packets. The Framing Unit is responsible for
converting these packets into a bit-stream suitable for the modulator, and to extract
packets from the continuous bit-stream arriving from the demodulator.
The Framing Unit supports two different modes:
Packet modes
Raw modes
The micro-controller communicates with the framing unit through a 256 byte FIFO. Data
in the FIFO is organized in Chunks. The chunk header encodes the length and what data
is contained in the payload. Chunks may contain packet data, but also RSSI, Frequency
Offset, Timestamps, etc.
The AX5243 contains one FIFO. Its direction is switched depending on whether transmit
or receive mode is selected.
The FIFO can be operated in polled or interrupt driven modes. In polled mode, the micro-
controller must periodically read the FIFO status register or the FIFO count register to
determine whether the FIFO needs servicing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com