Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM8702AM Datasheet(PDF) 4 Page - Nippon Precision Circuits Inc

Part # SM8702AM
Description  Clock Generator IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8702AM Datasheet(HTML) 4 Page - Nippon Precision Circuits Inc

  SM8702AM Datasheet HTML 1Page - Nippon Precision Circuits Inc SM8702AM Datasheet HTML 2Page - Nippon Precision Circuits Inc SM8702AM Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8702AM Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8702AM Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8702AM Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8702AM Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8702AM Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8702AM Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
SM8702AM
NIPPON PRECISION CIRCUITS—4
1 1
PCICLK2
O
PCI bus clock output
1 2
PCICLK3
O
PCI bus clock output
1 3
PCICLK4
O
PCI bus clock output
1 4
VDD2
–
3.3V supply
PCI clock output buffers, pre-buffer, stop logic
1 5
B UFFERIN
I
SDRAM clock input
Input on BUFFERIN is buffered and then output on
SDRAM[0:13]
1 6
V S S
–
Ground (3.3V supply)
SDRAM clock output buffers, pre-buffer, stop logic
17
SDRAM11
I/O
SDRAM clock output
CPU_ST OP#
CPU clock outputs stop control
In mobile mode (MODE = LOW), CPUCLK[0:1] tied LOW
when CPU_STOP# = LOW .
18
SDRAM10
I/O
SDRAM clock output
PCI_STO P #
PCI clock outputs stop control
In mobile mode (MODE = LOW), PCICLK[0:4] tied LOW
when PCI_STOP# = LOW .
1 9
VDD3
–
3.3V supply
SDRAM clock output buffers, pre-buffer, stop logic
2 0
SDRAM9
O
SDRAM clock output
2 1
SDRAM8
O
SDRAM clock output
2 2
V S S
–
Ground (3.3V supply)
PLL and internal logic ground, I2C interfa c e,
24MHz/48MHz output ground
2 3
S D ATA
I/O
I2C serial data input
2 4
SCLK
I
I2C clock input
25
24MHz
I/O
24MHz clock output
F S 1
Frequency select 1 (latch input)
26
48MHz
I/O
48MHz USB clock output
F S 0
Frequency select 0 (latch input)
2 7
VDD4
–
3.3V supply
I2C interfa c e, 24MHz/48MHz output supply, PLL and
internal logic supply
2 8
SDRAM7
O
SDRAM clock output
2 9
SDRAM6
O
SDRAM clock output
3 0
VDD3
–
3.3V supply
SDRAM clock output buffers, pre-buffer, stop logic
3 1
SDRAM5
O
SDRAM clock output
3 2
SDRAM4
O
SDRAM clock output
3 3
V S S
–
Ground (3.3V supply)
SDRAM clock output buffers, pre-buffer, stop logic
3 4
SDRAM3
O
SDRAM clock output
3 5
SDRAM2
O
SDRAM clock output
3 6
VDD3
–
3.3V supply
SDRAM clock output buffers, pre-buffer, stop logic
3 7
SDRAM1
O
SDRAM clock output
3 8
SDRAM0
O
SDRAM clock output
3 9
V S S
–
Ground (3.3V supply)
SDRAM clock output buffers, pre-buffer, stop logic
4 0
SDRAM12
O
SDRAM clock output
4 1
SDRAM13
O
SDRAM clock output
4 2
VDDL2
–
2.5/3.3V supply
CPU clock output buffers, pre-buffer, stop logic
4 3
CPUCLK1
O
CPU clock output
4 4
CPUCLK0
O
CPU clock output
4 5
V S S
–
Ground (2.5/3.3V supply)
CPU clock output buffers, pre-buffer, stop logic
46
REF1
I/O
14.318MHz reference clock output
F S 2
Frequency select 2 (latch input)
4 7
IOAPIC
O
14.318MHz IOAPIC clock output
4 8
VDDL1
–
2.5/3.3V supply
IOAPIC output buffer, pre-buffer, stop logic
Number
Name
I/O
Function
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com