Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM8702AM Datasheet(PDF) 14 Page - Nippon Precision Circuits Inc

Part # SM8702AM
Description  Clock Generator IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8702AM Datasheet(HTML) 14 Page - Nippon Precision Circuits Inc

Back Button SM8702AM Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8702AM Datasheet HTML 9Page - Nippon Precision Circuits Inc SM8702AM Datasheet HTML 10Page - Nippon Precision Circuits Inc SM8702AM Datasheet HTML 11Page - Nippon Precision Circuits Inc SM8702AM Datasheet HTML 12Page - Nippon Precision Circuits Inc SM8702AM Datasheet HTML 13Page - Nippon Precision Circuits Inc SM8702AM Datasheet HTML 14Page - Nippon Precision Circuits Inc SM8702AM Datasheet HTML 15Page - Nippon Precision Circuits Inc SM8702AM Datasheet HTML 16Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
SM8702AM
NIPPON PRECISION CIRCUITS—14
I2C Bus Serial Data Format
The format of the I2C serial data on SDATA (pin 23) which is input in sync with the serial data clock on SCLK
(pin 24) is shown below.
The SM8702AM I2C address is given below.
In the start sequence, the I2C bus serial data is fed into the clock generator in the following direction.
1. I2C address with R/W# = 0
2. ACK acknowledge bit
3. Two successive 8-bit dummy command code data words (including ACK acknowledge bit)
4. 8-bit dummy command code (Byte 0 to Byte 5)
The data transfer speed is 100k bps (I2C standard mode), with input logic level of 3.3V. When power is first
applied, all internal registers are restored to their default state as below.
s
Byte0 : default = 0 (bit 0 to bit 3 and bit 7)
: default = 1 (bit 4 to bit 6)
s
Byte 1 to Byte 5 : default = 1 (all bits)
R/W# = 0 or 1
A6
A5
A4
A3
A2
A1
A0
R/W#
11
0100
1
−
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Byte 0
Byte 1
Byte 2
A
C
K
The direction of I C Data for Clock Generator
2
D2h
A
C
K
8bit
1bit
2
I C Addr.
+R/W#
Dummy
Command
Code
A
C
K
Dummy
Command
Code
A
C
K
8bit
1bit
8bit
1bit
S
T
O
P
1bit
A
C
K
8bit
1bit
A
C
K
8bit
1bit
A
C
K
8bit
1bit
Byte 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com