Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM8702AM Datasheet(PDF) 16 Page - Nippon Precision Circuits Inc

Part # SM8702AM
Description  Clock Generator IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8702AM Datasheet(HTML) 16 Page - Nippon Precision Circuits Inc

Back Button SM8702AM Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8702AM Datasheet HTML 9Page - Nippon Precision Circuits Inc SM8702AM Datasheet HTML 10Page - Nippon Precision Circuits Inc SM8702AM Datasheet HTML 11Page - Nippon Precision Circuits Inc SM8702AM Datasheet HTML 12Page - Nippon Precision Circuits Inc SM8702AM Datasheet HTML 13Page - Nippon Precision Circuits Inc SM8702AM Datasheet HTML 14Page - Nippon Precision Circuits Inc SM8702AM Datasheet HTML 15Page - Nippon Precision Circuits Inc SM8702AM Datasheet HTML 16Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
SM8702AM
NIPPON PRECISION CIRCUITS—16
NIPPON PRECISION CIRCUITS INC. reserves the right to make changes to the products described in this data sheet in order to
improve the design or performance and to supply the best possible products. Nippon Precision Circuits Inc. assumes no responsibility fo r
the use of any circuits shown in this data sheet, conveys no license under any patent or other rights, and makes no claim that the circuits
are free from patent infringement. Applications for any devices shown in this data sheet are for illustration only and Nippon Precision
Circuits Inc. makes no claim or warranty that such applications will be suitable for the use specified without fur ther testing or modification.
The products described in this data sheet are not intended to use for the apparatus which influence human lives due to the failure or
malfunction of the products. Customers are requested to comply with applicable laws and regulations in effect now and hereinafter,
including compliance with expor t controls on the distribution or dissemination of the products. Customers shall not expor t, directly or
indirectly, any products without first obtaining required licenses and approvals from appropriate gover nment agencies.
NIPPON PRECISION CIRCUITS INC.
4-3, Fukuzumi 2-chome
Koto-ku, Tokyo 135-8430, Japan
Telephone: 03-3642-6661
Facsimile: 03-3642-6698
NP9907AE
1999.07
NIPPON PRECISION CIRCUITS INC.
Byte 3: SDRAM register
Byte 4: Reserved register
Byte 5: REF/IOAPIC register
Bit
Pin
n umber
P o w e r-ON
default1
1. 1 = enabled, 0 = disabled
Notes
7
–
1
(Reser ved)
6
–
1
(Reser ved)
5
–
1
(Reser ved)
4
–
1
(Reser ved)
3
17, 18
1
SDRAM[10:11] enable in
desktop mode only (MODE =
HIGH)
2
20, 21, 40,
41
1
SDRAM[8,9,12,13] enable
1
28, 29, 31,
32
1
SDRAM[4:7] enable
0
34, 35, 37,
38
1
SDRAM[0:3] enable
Bit
Pin
n umber
P o w e r-ON
default1
1. 1 = enabled, 0 = disabled
Notes
7
–
1
(Reser ved)
6
–
1
(Reser ved)
5
–
1
(Reser ved)
4
–
1
(Reser ved)
3
–
1
(Reser ved)
2
–
1
(Reser ved)
1
–
1
(Reser ved)
0
–
1
(Reser ved)
Bit
Pin
n umber
P o w e r-ON
default1
1. 1 = enabled, 0 = disabled
Notes
7
–
1
(Reser ved)
6
–
1
(Reser ved)
5
–
1
(Reser ved)
4
4 7
1
IOAPIC enable
3
–
1
(Reser ved)
2
–
1
(Reser ved)
1
4 6
1
REF1 enable
0
2
1
REF0 enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com