Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM8702AM Datasheet(PDF) 6 Page - Nippon Precision Circuits Inc

Part # SM8702AM
Description  Clock Generator IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8702AM Datasheet(HTML) 6 Page - Nippon Precision Circuits Inc

Back Button SM8702AM Datasheet HTML 2Page - Nippon Precision Circuits Inc SM8702AM Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8702AM Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8702AM Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8702AM Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8702AM Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8702AM Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8702AM Datasheet HTML 9Page - Nippon Precision Circuits Inc SM8702AM Datasheet HTML 10Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
SM8702AM
NIPPON PRECISION CIRCUITS—6
DC Electrical Characteristics
Ta = 0 to 70°C, VDD = 3.3V ± 5%, VDDL = 2.5V ± 5%, VSS = 0V unless otherwise noted.
P arameter
Symbol
Condition
Rating
Unit
min
typ
m a x
HIGH-level input voltage
V IH
All pins excl. XT, XTN
2.0
–
V DD
V
L O W -level input voltage
V IL
All pins excl. XT, XTN, SDATA , SCLK
V SS
–
0.8
V
S D ATA, SCLK: I2C interfa c e
V SS
–
0.7
HIGH-level input current
IIH
V IH = V DD
−10
–
1 0
µ A
L O W -level input current
IIL
V IL = 0V
–
–
1 0
µ A
HIGH-level output voltage
V OH(3.3V)
All clock outputs:
IOH = −1mA, V DD = 3.135V
PCICLK, SDRAM, REF,
24/48MHz pins.
Also, CPUCLK[0:1] and
IOAPIC outputs, when
VDDL[1:2] = 3.3V.
2.4
–
–
V
L O W -level output voltage
V OL(3.3V)
All clock outputs:
IOL = 1mA, V DD = 3.135V
–
–
0.4
V
HIGH-level output voltage
V OH(2.5V)
CPUCLK[0:1], IOAPIC:
IOH = −1mA, V DDL = 2.375V CPUCLK[0:1] and
IOAPIC outputs, when
VDDL[1:2] = 2.5V.
2.0
–
–
V
L O W -level output voltage
V OL(2.5V)
CPUCLK[0:1], IOAPIC:
IOL = 1mA, V DDL = 2.375V
–
–
0.4
V
HIGH-level output current
IOH
CPUCLK[0:1]: V OH = 1.7V
fOUT = 66.5MHz
8.5
23.0
mA
PCICLK_F, PCICLK[0:4]:
V OH = 2.0V
18.7
–
42.6
SDRAM[0:13]: V OH = 2.0V
18.7
–
42.6
REF[0:1], 24/48MHz:
V OH = 2.0V
18.7
–
42.6
IOAPIC: V OH = 1.7V
8.5
–
23.0
L O W -level output current
IOL
CPUCLK[0:1]: V OL = 0.7V
fOUT = 66.5MHz
11.0
–
25.3
mA
PCICLK_F, PCICLK[0:4]:
V OL = 0.8V
18.7
–
40.3
SDRAM[0:13]: V OL = 0.8V
18.7
–
40.3
REF[0:1], 24/48MHz:
V OL = 0.8V
18.7
–
40.3
IOAPIC: V OL = 0.7V
11.0
–
25.3
Output leakage current
IOZ
Outputs high impedance
−10
–
1 0
µ A
Current consumption
IDD
C L = 0pF, V DD = 3.465V
fOUT = 66.5MHz
–
–
180
mA
IDDL1
C L = 0pF, V DDL = 3.465V
–
–
3 0
IDDL2
C L = 0pF, V DDL = 2.625V
–
–
2 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com