Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM8702AM Datasheet(PDF) 12 Page - Nippon Precision Circuits Inc

Part # SM8702AM
Description  Clock Generator IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8702AM Datasheet(HTML) 12 Page - Nippon Precision Circuits Inc

Back Button SM8702AM Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8702AM Datasheet HTML 9Page - Nippon Precision Circuits Inc SM8702AM Datasheet HTML 10Page - Nippon Precision Circuits Inc SM8702AM Datasheet HTML 11Page - Nippon Precision Circuits Inc SM8702AM Datasheet HTML 12Page - Nippon Precision Circuits Inc SM8702AM Datasheet HTML 13Page - Nippon Precision Circuits Inc SM8702AM Datasheet HTML 14Page - Nippon Precision Circuits Inc SM8702AM Datasheet HTML 15Page - Nippon Precision Circuits Inc SM8702AM Datasheet HTML 16Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
SM8702AM
NIPPON PRECISION CIRCUITS—12
Operating Mode Summary
The state of the various external inputs and outputs in the operating modes is indicated in the following table.
CPU Clock Stop Function
In mobile mode, selected using MODE (pin 7), the CPUCLK[0:1] clock outputs can be stopped by external pin
control. The asynchronous stop signal input on CPU_STOP# is sampled internally on the rising edge of the
PCI free-running output clock (PCICLK_F).
When CPU_STOP# goes LOW, the CPU clock outputs (CPUCLK) stop after a delay of 2 to 4 clock cycles.
When CPU_STOP# goes HIGH, the CPU clock outputs start after a delay of 2 to 4 clock cycles. The actual
start and stop delay varies with the output frequency up to a maximum of 4 CPU clock cycles.
MODE
SDRAM11/
CPU_ST OP#
SDRAM10/
PCI_STO P #
CPUCLK[0:1] PCICLK[0:4]
PCICLK_F,
24MHz/48MHz,
SDRAM[0:13]
C r ystal
oscillator
VCO
(internal
signal)
Notes 1
1. Enab led = output functions active. Disabled = LOW -level output.
MODE = HIGH
(desktop
mode)
Enab led
(SDRAM output)
Enab led
(SDRAM output)
Enab led
Enab led
Enab led
Enab led
Enab led
Desktop mode.
Pins 17 and 18
function as outputs.
MODE = LOW
(mobile mode)
HIGH
(CPU_STOP# input)
HIGH
(PCI_STOP# input)
Enab led
Enab led
Enab led
Enab led
Enab led
Mobile mode.
Pins 17 and 18
function as inputs.
Pin 17 =
CPU_ST OP#
Pin 18 =
PCI_STO P #
HIGH
(CPU_STOP# input)
LO W
(PCI_STOP# input)
Enab led
Disabled
Enab led
Enab led
Enab led
LO W
(CPU_STOP# input)
HIGH
(PCI_STOP# input)
Disabled
Enab led
Enab led
Enab led
Enab led
LO W
(CPU_STOP# input)
LO W
(PCI_STOP# input)
Disabled
Disabled
Enab led
Enab led
Enab led
CPU_STOP#
CPUCLK
(external)
PCI_STOP#
(All "H")
PCICLK_F
(free-running)
CPUCLK
(internal)
PCICLK
(internal)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com