Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM8702AM Datasheet(PDF) 9 Page - Nippon Precision Circuits Inc

Part # SM8702AM
Description  Clock Generator IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8702AM Datasheet(HTML) 9 Page - Nippon Precision Circuits Inc

Back Button SM8702AM Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8702AM Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8702AM Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8702AM Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8702AM Datasheet HTML 9Page - Nippon Precision Circuits Inc SM8702AM Datasheet HTML 10Page - Nippon Precision Circuits Inc SM8702AM Datasheet HTML 11Page - Nippon Precision Circuits Inc SM8702AM Datasheet HTML 12Page - Nippon Precision Circuits Inc SM8702AM Datasheet HTML 13Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
SM8702AM
NIPPON PRECISION CIRCUITS—9
24MHz/48MHz, REF[0:1] clock characteristics
Ta = 0 to 70°C, VDD = 3.3V ± 5%, VSS = 0V, fX’tal = 14.318MHz, CL = 20pF unless otherwise noted.
IOAPIC clock characteristics
Ta = 0 to 70°C, VDD = 3.3V ± 5%, VSS = 0V, fX’tal = 14.318MHz, CL = 20pF unless otherwise noted.
P arameter
Symbol
Condition
Rating
Unit
min
typ
m a x
Output clock rise time1
1. Design maximu m values, not 100% guaranteed.
tr
V OL = 0.8V → VOH = 2.4V transition time
–
–
2.0
ns
Output clock fall time1
tf
V OH = 2.4V → VOL = 0.8V transition time
–
–
2.0
ns
Duty cycle1
Dt
V T = 1.5V
4 0
5 0
6 0
%
Output clock jitter1
tjc
V T = 1.5V, rising edge
Absolute jitter
–
2 5 0
8 0 0
ps
Clock frequency stabilize time1
tstb
Cold star t
Supply ON (VDD = 3.3V)
until clock reaches
specified frequency
––3
m s
Output impedance2
2. Design estimate values, not 100% guaranteed.
Z O
V O = 0.5VDD
1 0–6 0
Ω
P arameter
Symbol
Condition
Rating
Unit
min
typ
m a x
Output clock rise time1
1. Design maximu m values, not 100% guaranteed.
tr
V OL = 0.8V → VOH = 2.4V transition time,
V DDL1 = 3.3V
–
–
2.0
ns
V OL = 0.4V → VOH = 2.0V transition time,
V DDL1 = 2.5V
–
–
2.0
Output clock fall time1
tf
V OH = 2.4V → VOL = 0.8V transition time,
V DDL1 = 3.3V
–
–
2.0
ns
V OH = 2.0V → VOL = 0.4V transition time,
V DDL1 = 2.5V
–
–
2.0
Duty cycle1
Dt
V T = 1.5V, V DDL1 = 3.3V
4 0
5 0
6 0
%
Output clock jitter1
tjc
V T = 1.5V, rising edge
Absolute jitter
–
2 5 0
8 0 0
ps
Clock frequency stabilize time1
tstb
Cold star t
Supply ON (VDD = 3.3V)
until clock reaches
specified frequency
––3
m s
Output impedance2
2. Design estimate values, not 100% guaranteed.
Z O
V O = 0.5VDD
1 0–9 0
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com