Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM8702AM Datasheet(PDF) 5 Page - Nippon Precision Circuits Inc

Part # SM8702AM
Description  Clock Generator IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8702AM Datasheet(HTML) 5 Page - Nippon Precision Circuits Inc

  SM8702AM Datasheet HTML 1Page - Nippon Precision Circuits Inc SM8702AM Datasheet HTML 2Page - Nippon Precision Circuits Inc SM8702AM Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8702AM Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8702AM Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8702AM Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8702AM Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8702AM Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8702AM Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
SM8702AM
NIPPON PRECISION CIRCUITS—5
SPECIFICATIONS
Absolute Maximum Ratings
VDD:VDD1, VDD2, VDD3, VDD4
VDDL:VDDL1, VDDL2 unless otherwise noted.
Recommended Operating Conditions
VSS = 0V
P arameter
Symbol
Rating
Unit
Supply voltage range
V DD
(VDD1, V DD2, V DD3, V DD4)
−0.3 to 6.0
V
V DDL
(VDDL1, V DDL2)
−0.3 to 6.0
V
V SS
0V
Input voltage range
V IN
− 0.3 to V
DD + 0.3
V
Output voltage range
V OUT
− 0.3 to V
DD + 0.3
V
Storage temperature range
T stg
−55 to 125
°C
P ow er dissipation
P D
0.8
W
P arameter
Symbol
Condition
Rating
Unit
min
typ
m a x
Supply voltages
V DD
(VDD1, V DD2,
V DD3, V DD4)
Excludes internal core, CPU
clock and IOAPIC output
stages
3.135
3.300
3.465
V
V DDL
(VDDL1, V DDL2)
Internal core, CPU clock
and IOAPIC output stages
2.375
2.500
2.625
V
Operating temperature range
Topr
0–
7 0
°C
Maxim um load capacitance
C L1
CPUCLK
1 0
–
2 0
p F
C L2
PCICLK, SDRAM
2 0
–
3 0
p F
C L3
R E F, 24/48MHz, IOAPIC
1 0
–
2 0
p F
Reference frequency
fREF
–
14.318
–
M H z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com