Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9730 Datasheet(PDF) 169 Page - Microchip Technology

Part # LAN9730
Description  High-Speed Inter-Chip USB 2.0 to 10/100 Ethernet Controller
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9730 Datasheet(HTML) 169 Page - Microchip Technology

Back Button LAN9730 Datasheet HTML 165Page - Microchip Technology LAN9730 Datasheet HTML 166Page - Microchip Technology LAN9730 Datasheet HTML 167Page - Microchip Technology LAN9730 Datasheet HTML 168Page - Microchip Technology LAN9730 Datasheet HTML 169Page - Microchip Technology LAN9730 Datasheet HTML 170Page - Microchip Technology LAN9730 Datasheet HTML 171Page - Microchip Technology LAN9730 Datasheet HTML 172Page - Microchip Technology LAN9730 Datasheet HTML 173Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 222 page
background image
 2012-2015 Microchip Technology Inc.
DS00001946A-page 169
LAN9730/LAN9730i
6.4.4
MULTICAST HASH TABLE HIGH REGISTER (HASHH)
The 64-bit Multicast table is used for group address filtering. For hash filtering, the contents of the destination address
in the incoming frame is used to index the contents of the hash table. The most significant bit determines the register to
be used (high/low), while the other five bits determine the bit within the register. A value of 00000 selects bit 0 of the
Multicast Hash Table Low register and a value of 11111 selects the bit 31 of the Multicast Hash Table High register.
If the corresponding bit is ‘1’, then the multicast frame is accepted. Otherwise, it is rejected. If the “Pass All Multicast” (MCPAS)
bit is set (‘1’), then all multicast frames are accepted regardless of the multicast hash values.
The Multicast Hash Table High register contains the higher 32 bits of the hash table and the Multicast Hash Table Low
register contains the lower 32 bits of the hash table.
Address:
10Ch
Size:
32 bits
Bits
Description
Type
Default
31:0
Upper 32 bits of the 64-bit hash table
R/W
0000_0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com