Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9730 Datasheet(PDF) 171 Page - Microchip Technology

Part # LAN9730
Description  High-Speed Inter-Chip USB 2.0 to 10/100 Ethernet Controller
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9730 Datasheet(HTML) 171 Page - Microchip Technology

Back Button LAN9730 Datasheet HTML 167Page - Microchip Technology LAN9730 Datasheet HTML 168Page - Microchip Technology LAN9730 Datasheet HTML 169Page - Microchip Technology LAN9730 Datasheet HTML 170Page - Microchip Technology LAN9730 Datasheet HTML 171Page - Microchip Technology LAN9730 Datasheet HTML 172Page - Microchip Technology LAN9730 Datasheet HTML 173Page - Microchip Technology LAN9730 Datasheet HTML 174Page - Microchip Technology LAN9730 Datasheet HTML 175Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 222 page
background image
 2012-2015 Microchip Technology Inc.
DS00001946A-page 171
LAN9730/LAN9730i
6.4.6
MII ACCESS REGISTER (MII_ACCESS)
This register is used to control the management cycles to the internal PHY.
Address:
114h
Size:
32 bits
Bits
Description
Type
Default
31:16
RESERVED
RO
-
15:11
PHY Address
For every access to this register, this field must be set to 00001b.
R/W
00000b
10:6
MII Register Index (MIIRINDA)
These bits select the desired MII register in the PHY.
R/W
00000b
5:2
RESERVED
RO
-
1
MII Write (MIIWnR)
Setting this bit tells the PHY that this will be a write operation using the MII
data register. If this bit is not set, this will be a read operation, packing the data
in the MII data register.
R/W
0b
0
MII Busy (MIIBZY)
This bit must be polled to determine when the MII register access is complete.
This bit must read a logical ‘0’ before writing to this register or to the MII data
register. The LAN driver software must set (‘1’) this bit in order for the host to
read or write any of the MII PHY registers.
During an MII register access, this bit will be set, signifying a read or write
access is in progress. The MII data register must be kept valid until the MAC
clears this bit during a PHY write operation. The MII data register is invalid
until the MAC has cleared this bit during a PHY read operation.
SC
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com