Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9730 Datasheet(PDF) 174 Page - Microchip Technology

Part # LAN9730
Description  High-Speed Inter-Chip USB 2.0 to 10/100 Ethernet Controller
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9730 Datasheet(HTML) 174 Page - Microchip Technology

Back Button LAN9730 Datasheet HTML 170Page - Microchip Technology LAN9730 Datasheet HTML 171Page - Microchip Technology LAN9730 Datasheet HTML 172Page - Microchip Technology LAN9730 Datasheet HTML 173Page - Microchip Technology LAN9730 Datasheet HTML 174Page - Microchip Technology LAN9730 Datasheet HTML 175Page - Microchip Technology LAN9730 Datasheet HTML 176Page - Microchip Technology LAN9730 Datasheet HTML 177Page - Microchip Technology LAN9730 Datasheet HTML 178Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 222 page
background image
LAN9730/LAN9730i
DS00001946A-page 174
 2012-2015 Microchip Technology Inc.
6.4.9
VLAN1 TAG REGISTER (VLAN1)
This register contains the VLAN tag field to identify VLAN1 frames. For VLAN frames, the legal frame length is increased
from 1518 bytes to 1522 bytes.
The RXCOE also uses this register to determine the protocol value to use to indicate the existence of a VLAN tag. When
using the RXCOE, this value may only be changed if the RX path is disabled. If it is desired to change this value during
run time, it is safe to do so only after the MAC is disabled and the TLI is empty.
Address:
120h
Size:
32 bits
Bits
Description
Type
Default
31:16
RESERVED
RO
-
15:0
VLAN1 Tag Identifier (VTI1)
This contains the VLAN Tag field to identify the VLAN1 frames. This field is
compared with the 13th and 14th bytes of the incoming frames for VLAN1
frame detection.
R/W
FFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com