Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9730 Datasheet(PDF) 172 Page - Microchip Technology

Part # LAN9730
Description  High-Speed Inter-Chip USB 2.0 to 10/100 Ethernet Controller
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9730 Datasheet(HTML) 172 Page - Microchip Technology

Back Button LAN9730 Datasheet HTML 168Page - Microchip Technology LAN9730 Datasheet HTML 169Page - Microchip Technology LAN9730 Datasheet HTML 170Page - Microchip Technology LAN9730 Datasheet HTML 171Page - Microchip Technology LAN9730 Datasheet HTML 172Page - Microchip Technology LAN9730 Datasheet HTML 173Page - Microchip Technology LAN9730 Datasheet HTML 174Page - Microchip Technology LAN9730 Datasheet HTML 175Page - Microchip Technology LAN9730 Datasheet HTML 176Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 222 page
background image
LAN9730/LAN9730i
DS00001946A-page 172
 2012-2015 Microchip Technology Inc.
6.4.7
MII DATA REGISTER (MII_DATA)
This register contains either the data to be written to the PHY register specified in the MII Access register, or the read
data from the PHY register whose index is specified in the MII Access register. Refer to Section 6.4.6, "MII Access Reg-
ister (MII_ACCESS)" for further details.
Address:
118h
Size:
32 bits
Note:
The MIIBZY bit in the MII_ACCESS register must be cleared when writing to this register.
Bits
Description
Type
Default
31:16
RESERVED
RO
-
15:0
MII Data
This contains the 16-bit value read from the PHY read operation or the 16-bit
data value to be written to the PHY before an MII write operation.
R/W
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com