Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6362A Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6362A
Description  IO-Link communication transceiver device IC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6362A Datasheet(HTML) 1 Page - STMicroelectronics

  L6362A Datasheet HTML 1Page - STMicroelectronics L6362A Datasheet HTML 2Page - STMicroelectronics L6362A Datasheet HTML 3Page - STMicroelectronics L6362A Datasheet HTML 4Page - STMicroelectronics L6362A Datasheet HTML 5Page - STMicroelectronics L6362A Datasheet HTML 6Page - STMicroelectronics L6362A Datasheet HTML 7Page - STMicroelectronics L6362A Datasheet HTML 8Page - STMicroelectronics L6362A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
February 2016
DocID027660 Rev 4
1/37
This is information on a product in full production.
www.st.com
L6362A
IO-Link communication transceiver device IC
Datasheet - production data
Features
Supply voltage from 7 V to 36 V
5 V and 3.3 V compatible I/Os
5 V or 3.3 V, 10 mA selectable linear
regulator
0.3 A output current intervention threshold
Fully protected
Reverse polarity
Overload with cut-off function
Overtemperature
Undervoltage and overvoltage
GND and VCC open wire
-40 to +125 °C ambient temperature
Selectable output stages: high-side, low-
side, push-pull
Suitable to drive L, C and R loads
30 μF output load drive capability
Switching capability of inductors up to 500
mJ
Wake-up detection supported
Fast demagnetization of inductive loads
COM1, COM2 and COM3 mode supported
Designed to meet:
Burst IEC 61000-4-4
ESD IEC 61000-4-2
Surge EN60947-5-2 and IEC61000-4-5
Miniaturized DFN12 (3x3 mm) package
Applications
Industrial sensors
Factory automation
Process control
Description
The L6362A is an IO-Link and SIO mode
transceiver device compliant to PHY2 (3-wire
connection) supporting COM1 (4.8 kbaud),
COM2 (38.4 kbaud) and COM3 (230.4 kbaud)
modes. The output stage can be configured as
high-side, low-side or push-pull and it can drive
resistive, capacitive and inductive loads. It can be
connected to a sensor chip with the industrial 24
V environment. The industrial environment could
be a PLC, an IO-Link master, a relay or a valve.
The L6362A is protected against reverse polarity,
among VCC, GND, OUTH, OUTL and I/Q pins.
Furthermore, the IC is protected against output
short-circuit, overvoltage and fast transient
conditions (±1 kV,
500 Ω and 18 μF coupling).
Table 1: Device summary
Order code
Package
Packing
L6362A
DFN12 (3x3 mm)
Tape and
reel


Similar Part No. - L6362A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6362A STMICROELECTRONICS-L6362A Datasheet
3Mb / 5P
IO-Link (PHY) device evaluation board based on L6362A with Arduino connectors for STM32 Nucleo
04-Jun-2018
L6362A STMICROELECTRONICS-L6362A Datasheet
273Kb / 4P
STM32 Nucleo pack for IO-Link device fully compatible with IO-Link v1.1 (PHY and stack)
Rev 3 - October 2018
More results

Similar Description - L6362A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14821 MAXIM-MAX14821 Datasheet
2Mb / 31P
IO-Link Device Transceiver
Rev 0; 8/11
MAX14820 MAXIM-MAX14820 Datasheet
2Mb / 29P
IO-Link Device Transceiver
Rev 4; 1/12
MAX14821 MAXIM-MAX14821_12 Datasheet
2Mb / 29P
IO-Link Device Transceiver
Rev 1; 2/12
logo
STMicroelectronics
L6360 STMICROELECTRONICS-L6360 Datasheet
791Kb / 65P
IO-Link communication master transceiver IC
15-Mar-2012
logo
Maxim Integrated Produc...
MAX14826 MAXIM-MAX14826 Datasheet
1Mb / 32P
IO-Link Device Transceiver
Rev 0; 9/14
MAX14826EVKIT MAXIM-MAX14826EVKIT Datasheet
2Mb / 16P
IO-Link-Compliant Device Transceiver
Rev 0; 7/15
MAX14819EVKIT MAXIM-MAX14819EVKIT Datasheet
1Mb / 12P
IO-Link-Compliant Device Transceiver
Rev 3; 2/21
logo
Dialog Semiconductor
CCE4503 DIALOG-CCE4503 Datasheet
530Kb / 17P
IO-Link Device IC
logo
Maxim Integrated Produc...
MAX14827 MAXIM-MAX14827_V01 Datasheet
923Kb / 41P
IO-Link Device Transceiver
2019
logo
Renesas Technology Corp
CCE4503 RENESAS-CCE4503 Datasheet
485Kb / 17P
IO-Link Device IC
Jan 25, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com