Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6362A Datasheet(PDF) 27 Page - STMicroelectronics

Part # L6362A
Description  IO-Link communication transceiver device IC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6362A Datasheet(HTML) 27 Page - STMicroelectronics

Back Button L6362A Datasheet HTML 23Page - STMicroelectronics L6362A Datasheet HTML 24Page - STMicroelectronics L6362A Datasheet HTML 25Page - STMicroelectronics L6362A Datasheet HTML 26Page - STMicroelectronics L6362A Datasheet HTML 27Page - STMicroelectronics L6362A Datasheet HTML 28Page - STMicroelectronics L6362A Datasheet HTML 29Page - STMicroelectronics L6362A Datasheet HTML 30Page - STMicroelectronics L6362A Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
L6362A
Protection and diagnostic
DocID027660 Rev 4
27/37
11
Protection and diagnostic
The IC integrates several protections to ease the design of a robust application. Protection
functions are intended to avoid IC damage in fault conditions and are not intended for
continuous operation. Continuous and repetitive operations of protection functions may
reduce the IC lifetime.
Table 19: Diagnostic truth table
Operation
DIAG
OL
HS
configuration
(OUTL not
connected)
LS configuration
(OUTH not
connected)
PP (OUTH wired
to OUTL)
During DT
1
1
High Z slow
demagnetization,
Cut-off
0
1
Off (active
clamp)(1)
Off (active clamp)
High Z slow
demagnetization,
Current limitation
1
0
Linearly
controlled
Linearly
controlled
Linearly controlled
UVLO(2)
0
Not
controlled
Off (active clamp)
Off (active clamp)
High Z active
clamp
Overtemperature
0
1
Off (active clamp)
Off (active clamp)
High Z slow
demagnetization,
Notes:
(1)Active clamp (fast demagnetization) is active in case of residual currents on OUTH or OUTL. If OUTH and
OUTL are wired together, slow demagnetization is used only in case of overtemperature protection intervention.
(2)When VCC < 2.5 V (typ.), the device is completely turned off.
11.1
Undervoltage lock-out
The output stage, the receiver and several internal circuitries turn off as the supply voltage
falls below the turn-off threshold (VUVOFF). Normal operation restarts, after VCC exceeds the
turn-on threshold (VUVON). Turn-on and turn-off thresholds are defined in table Table 7:
"Supply".
11.2
Overtemperature
The output stage turns off as the internal IC temperature (TJ) exceeds the shutdown
temperature see Table 11: "Electrical characteristics, logic inputs (IN1, IN2, EN/DIAG, SEL)
". Normal operation restarts when the TJ goes back below the restart temperature (Tjr) and,
in case the cut-off protection is triggered too, after the trout delay time expires.
11.3
Current limitation and cut-off
The output current of the power stage is internally limited to a safe value, see Table 11:
"Electrical characteristics, logic inputs (IN1, IN2, EN/DIAG, SEL) ".
If the output stage remains in a current limitation condition for a time longer than the tdOUT
delay, see Table 11: "Electrical characteristics, logic inputs (IN1, IN2, EN/DIAG, SEL) ",
cut-off occurs, therfore the output stage turns off and restarts after the trOUT restart time.
Please notice that the power dissipated by the IC can be significantly high in current
limitation condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com