Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6362A Datasheet(PDF) 19 Page - STMicroelectronics

Part # L6362A
Description  IO-Link communication transceiver device IC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6362A Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L6362A Datasheet HTML 15Page - STMicroelectronics L6362A Datasheet HTML 16Page - STMicroelectronics L6362A Datasheet HTML 17Page - STMicroelectronics L6362A Datasheet HTML 18Page - STMicroelectronics L6362A Datasheet HTML 19Page - STMicroelectronics L6362A Datasheet HTML 20Page - STMicroelectronics L6362A Datasheet HTML 21Page - STMicroelectronics L6362A Datasheet HTML 22Page - STMicroelectronics L6362A Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
L6362A
Receiver logic
DocID027660 Rev 4
19/37
7
Receiver logic
The level of the signal on the I/Q pin is transferred to the OUTI/Q pin, according to the
receiver thresholds defined in and truth table below. The receiver is always active
independently on the EN/DIAG pin status. The IN1 pin sets the phase relation between I/Q
and OUTI/Q.
Table 15: I/Q truth table
EN/DIAG
IN2
IN1
I/Q
OUTI/Q
X
X
0
0
0
X
X
0
1
1
X
X
1
0
1
X
X
1
1
0
UVLO
X
X
X
0
Overtemperature
X
X
X
IN1 XOR I/Q(1)
Notes:
(1)The receiver keeps working in overtemperature conditions.
Thanks to the internal pull-up and pull-down resistors on OUTH, OUTL and I/Q pins, the
receiver logic can be used for the automatic identification of the load connection (high-side
or low-side) even in the 3-wire configurations. Referring to the table above, the
microcontroller (uC) can force the EN/DIAG = GND and read the information from OUT I/Q:
considering the voltage thresholds VI/QTHLH and VI/QTHHL, uC can know whether the
load is connected in high-side or low-side. The table below summarize the OUT I/Q logic
level according to the load connection and IN1 set-up.
Table 16: Load connection identification by OUTI/Q
EN/DIAG
IN2
IN1
OUTI/Q
PP-HS
PP-LS
GND
X
0
0
1
X
1
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com