Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6362A Datasheet(PDF) 29 Page - STMicroelectronics

Part # L6362A
Description  IO-Link communication transceiver device IC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6362A Datasheet(HTML) 29 Page - STMicroelectronics

Back Button L6362A Datasheet HTML 25Page - STMicroelectronics L6362A Datasheet HTML 26Page - STMicroelectronics L6362A Datasheet HTML 27Page - STMicroelectronics L6362A Datasheet HTML 28Page - STMicroelectronics L6362A Datasheet HTML 29Page - STMicroelectronics L6362A Datasheet HTML 30Page - STMicroelectronics L6362A Datasheet HTML 31Page - STMicroelectronics L6362A Datasheet HTML 32Page - STMicroelectronics L6362A Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
L6362A
Protection and diagnostic
DocID027660 Rev 4
29/37
11.6
OL (overload) pin
The integrated open drain transistor is active (turn-on) in case of overload conditions.
Overload is detected when the output current exceeds the IOLS-PEAK or IOHS-PEAK threshold.
The open drain transistor is active with a small delay (tOL), after the overload condition is
detected. Overload is not detected when EN/DIAG pin is at a low logic level. Overload is
not detected in cut-off conditions: if the output stage remains in a current limitation (OL)
condition for a time longer than the tdOUT delay, the output stage is turned off (cut-off
condition) and the OL pin is released. The output stage is restarted after the trOUT restart
time.
11.7
Reverse polarity protection
The integrated reverse polarity protection (RPP) avoids any damage in the IC in case of
wrong connection of its pins to the supply rail lines. These protected pins, despite reverse
polarity, are: VCC, GND, OUTH, OUTL and I/Q.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com