Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6362A Datasheet(PDF) 20 Page - STMicroelectronics

Part # L6362A
Description  IO-Link communication transceiver device IC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6362A Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L6362A Datasheet HTML 16Page - STMicroelectronics L6362A Datasheet HTML 17Page - STMicroelectronics L6362A Datasheet HTML 18Page - STMicroelectronics L6362A Datasheet HTML 19Page - STMicroelectronics L6362A Datasheet HTML 20Page - STMicroelectronics L6362A Datasheet HTML 21Page - STMicroelectronics L6362A Datasheet HTML 22Page - STMicroelectronics L6362A Datasheet HTML 23Page - STMicroelectronics L6362A Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
Output stage operation
L6362A
20/37
DocID027660 Rev 4
8
Output stage operation
8.1
Set output stage
The IC can be operated in high-side, low-side and push-pull mode, according to the
electrical connections on OUTH and OUTL pins. Depending on the chosen operation
mode, the IC must be driven by the IN1, IN2 or EN/DIAG pins. Table below refers to normal
operation mode. For example, in push-pull mode the driving signal (high = VDD, low =
GND) could be applied to IN2 or EN/DIAG only, while IN1 is connected to VDD or GND. In
high-side and low-side modes only, the driving signal can be applied to IN1.
Table 17: Configuration summary
Configuration
IN1
IN2
EN/DIAG
OUT
Push-pull
GND
Drive signal
High
VDD
H
VDD
Low
L
High
L
Low
H
X
X
GND
High impedance
GND
GND
Drive signal
High
L
GND
VDD
H
VDD
GND
H
VDD
VDD
L
X
X
Low
High impedance
Table 18: Configuration summary 2
IN1
IN2
EN/DIAG
OUTL
OUTH
High-
side
Drive
signal
High
Drive signal or wire to GND
or VDD
GND
VDD
NC
H
Low
L
High
VDD
L
Low
H
X
X
GND
L
Low-
side
Drive
signal
High
Drive signal or wire to GND
or VDD
GND
VDD
H
NC
Low
L
High
VDD
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com