Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6362A Datasheet(PDF) 23 Page - STMicroelectronics

Part # L6362A
Description  IO-Link communication transceiver device IC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6362A Datasheet(HTML) 23 Page - STMicroelectronics

Back Button L6362A Datasheet HTML 19Page - STMicroelectronics L6362A Datasheet HTML 20Page - STMicroelectronics L6362A Datasheet HTML 21Page - STMicroelectronics L6362A Datasheet HTML 22Page - STMicroelectronics L6362A Datasheet HTML 23Page - STMicroelectronics L6362A Datasheet HTML 24Page - STMicroelectronics L6362A Datasheet HTML 25Page - STMicroelectronics L6362A Datasheet HTML 26Page - STMicroelectronics L6362A Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
L6362A
Active clamp
DocID027660 Rev 4
23/37
9
Active clamp
Active clamping is always used in HS and LS configurations. In PP configuration slow
demagnetization is used. Active clamp is also known as fast demagnetization of inductive
loads or fast current decay. When a high-side driver turns off an inductance, a reversed
polarity voltage appears across the load. The OUTH pin is pulled to a voltage below the
ground until it reaches the demagnetization voltage, VCC-Vdemag. The conduction state is
linearly modulated by an internal circuitry in order to keep the OUTH pin voltage at about
VCC -Vdemag until the energy in the load has been dissipated. The energy is dissipated both
in IC internal switch and load resistance. Similarly, in case of load connected between the
LS pin and VCC, at the switch-off (of the low-side switch) the output is pushed to +Vdemag.
See Table 14: "Output stage truth table" for the detailed behavior of the power stage in
different configurations and conditions.
Figure 6: Active clamp equivalent principle schematic. HS configuration (load to GND)
Figure 7: Active clamp equivalent principle schematic. LS configuration (load to VCC)
L6362A
VCC
GND
OUTH
Inductive load
OUTL n.c.
VDEMAG
GIPG020320151227LM
L6362A
VCC
GND
OUTL
Inductive load
VDEMAG
OUTH n.c.
GIPG020320151050LM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com