Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6362A Datasheet(PDF) 18 Page - STMicroelectronics

Part # L6362A
Description  IO-Link communication transceiver device IC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6362A Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L6362A Datasheet HTML 14Page - STMicroelectronics L6362A Datasheet HTML 15Page - STMicroelectronics L6362A Datasheet HTML 16Page - STMicroelectronics L6362A Datasheet HTML 17Page - STMicroelectronics L6362A Datasheet HTML 18Page - STMicroelectronics L6362A Datasheet HTML 19Page - STMicroelectronics L6362A Datasheet HTML 20Page - STMicroelectronics L6362A Datasheet HTML 21Page - STMicroelectronics L6362A Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
Output logic
L6362A
18/37
DocID027660 Rev 4
6
Output logic
Table 14: Output stage truth table
Operation
EN/DIAG
IN1
IN2
HS
configuration
(OUTL not
connected)
LS
configuration
(OUTH not
connected)
PP (OUTH wired
with OUTL)
Normal
1
0
0
Off (active
clamp)(1)
On (GND)
GND
Normal
1
0
1
On (VCC)
Off
VCC
Normal
1
1
0
On (VCC)
Off
VCC
Normal
1
1
1
Off (active
clamp)
On (GND)
GND
Normal
0
X
X
Off
Off
High Z (slow
demagnetization)(2)
During DT(3)
1
X
X
High Z
Cut-off
(4)
X
X
Off (active
clamp)
Off (active
clamp)
High Z
UVLO(5)
0
X
X
Off (active
clamp)
Off (active
clamp)
High Z
Overtemperature
0
X
X
Off (active
clamp)
Off (active
clamp)
High Z
Notes:
(1)Active clamp (fast demagnetization) is active in case of residual currents on OUTH or OUTL.
(2)See slow demagnetization section.
(3)Deadtime is inserted between each HS switch-off and LS switch-on, and vice versa, only if the IC is driven by
the IN2 pin. No deadtime is inserted when the IN1 pin is commutated.
(4)EN/DIAG pin is driven “high” through a resistor, but the internal open drain is active and the pin is pulled to
GND.
(5)When VCC < 2.5 V (typ.), the device is completely turned off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com