Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8331IBRGET Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8331IBRGET
Description  Low-Power, 16-Bit, 500-kSPS, 4-/8-Channel Unipolar Input Analog-to-Digital Converters
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8331IBRGET Datasheet(HTML) 2 Page - Texas Instruments

  ADS8331IBRGET Datasheet HTML 1Page - Texas Instruments ADS8331IBRGET Datasheet HTML 2Page - Texas Instruments ADS8331IBRGET Datasheet HTML 3Page - Texas Instruments ADS8331IBRGET Datasheet HTML 4Page - Texas Instruments ADS8331IBRGET Datasheet HTML 5Page - Texas Instruments ADS8331IBRGET Datasheet HTML 6Page - Texas Instruments ADS8331IBRGET Datasheet HTML 7Page - Texas Instruments ADS8331IBRGET Datasheet HTML 8Page - Texas Instruments ADS8331IBRGET Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 57 page
background image
ADS8331, ADS8332
SBAS363D – DECEMBER 2009 – REVISED OCTOBER 2015
www.ti.com
Table of Contents
8.2
Functional Block Diagram ....................................... 19
1
Features .................................................................. 1
8.3
Feature Description................................................. 19
2
Applications ........................................................... 1
8.4
Device Functional Modes........................................ 21
3
Description ............................................................. 1
8.5
Programming........................................................... 28
4
Revision History..................................................... 2
9
Application and Implementation ........................ 36
5
Low-Power, High-Speed, SAR Converter Family 3
9.1
Application Information............................................ 36
6
Pin Configuration and Functions ......................... 3
9.2
Typical Application ................................................. 40
7
Specifications......................................................... 5
10
Power Supply Recommendations ..................... 43
7.1
Absolute Maximum Ratings ...................................... 5
11
Layout................................................................... 43
7.2
ESD Ratings.............................................................. 5
11.1
Layout Guidelines ................................................. 43
7.3
Recommended Operating Conditions ....................... 5
11.2
Layout Example .................................................... 45
7.4
Thermal Information .................................................. 5
12
Device and Documentation Support ................. 46
7.5
Electrical Characteristics: VA = 2.7 V ....................... 6
12.1
Documentation Support ........................................ 46
7.6
Electrical Characteristics: VA = 5 V .......................... 8
12.2
Related Links ........................................................ 46
7.7
Timing Requirements: VA = 2.7 V .......................... 10
12.3
Community Resources.......................................... 46
7.8
Timing Characteristics: VA = 5 V ............................ 11
12.4
Trademarks ........................................................... 46
7.9
Typical Characteristics - DC Performance.............. 13
12.5
Electrostatic Discharge Caution ............................ 46
7.10
Typical Characteristics - AC Performance ............ 16
12.6
Glossary ................................................................ 46
8
Detailed Description ............................................ 19
13
Mechanical, Packaging, and Orderable
8.1
Overview ................................................................. 19
Information ........................................................... 47
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision C (May 2012) to Revision D
Page
•
Added ESD Ratings table, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section ................................................................................................. 1
Changes from Revision B (December 2010) to Revision C
Page
•
Changed name of last column in Low-Power, High-Speed, SAR Converter Family table..................................................... 3
•
Deleted 4-channel and 8-channel rows from 14-Bit Pseudo-Diff resolution in Low-Power, High-Speed, SAR
Converter Family table ........................................................................................................................................................... 3
•
Added last paragraph to Start of a Conversion section........................................................................................................ 24
•
Changed VA value from 3.3 V to 2.7 V and VREF value from 4.096 V to 2.5 V.................................................................... 37
Changes from Revision A (November 2010) to Revision B
Page
•
Deleted Ordering Information table ....................................................................................................................................... 5
2
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: ADS8331 ADS8332



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com