Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8331IBRGET Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8331IBRGET
Description  Low-Power, 16-Bit, 500-kSPS, 4-/8-Channel Unipolar Input Analog-to-Digital Converters
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8331IBRGET Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS8331IBRGET Datasheet HTML 3Page - Texas Instruments ADS8331IBRGET Datasheet HTML 4Page - Texas Instruments ADS8331IBRGET Datasheet HTML 5Page - Texas Instruments ADS8331IBRGET Datasheet HTML 6Page - Texas Instruments ADS8331IBRGET Datasheet HTML 7Page - Texas Instruments ADS8331IBRGET Datasheet HTML 8Page - Texas Instruments ADS8331IBRGET Datasheet HTML 9Page - Texas Instruments ADS8331IBRGET Datasheet HTML 10Page - Texas Instruments ADS8331IBRGET Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 57 page
background image
ADS8331, ADS8332
www.ti.com
SBAS363D – DECEMBER 2009 – REVISED OCTOBER 2015
Electrical Characteristics: VA = 2.7 V (continued)
At TA = –40°C to 85°C, VA = 2.7 V, VBD = 1.65 V to 2.7 V, VREF = 2.5 V, and fSAMPLE = 500 kSPS, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Used as I/O clock only
25
MHz
SCLK external serial clock
Used as both I/O clock and conversion clock
1
21
MHz
EXTERNAL VOLTAGE REFERENCE INPUT
Input
(REF+) – (REF–)
1.2
2.525
V
VREF
reference
(REF–) – AGND
–0.1
0.1
V
range(5)
Resistance (6)
Reference input
20
k
Ω
DIGITAL INPUT/OUTPUT
Logic family
CMOS
1.65 V < VBD < 2.5 V
0.8 × VBD
VBD + 0.3
V
VIH
High-level input voltage
2.5 V
≤ VBD ≤ VA
0.65 × VBD
VBD + 0.3
V
1.65 < VBD < 2.5 V
–0.3
0.1 × VBD
V
VIL
Low-level input voltage
2.5 V
≤ VBD ≤ VA
–0.3
0.25 × VBD
V
II
Input current
VIN = VBD or DGND
–1
1
μA
CI
Input capacitance
5
pF
VA
≥ VBD ≥ 1.65V,
VOH
High-level output voltage
VBD – 0.6
VBD
V
IO = 100 μA
VA
≥ VBD ≥ 1.65 V,
VOL
Low-level output voltage
0
0.4
V
IO = –100 μA
CO
SDO pin capacitance
Hi-Z state
5
pF
CL
Load capacitance
30
pF
Data format
Straight binary
POWER-SUPPLY REQUIREMENTS
VA
Analog supply voltage(5)
2.7
3.6
V
VBD
Digital I/O supply voltage
1.65
VA + 0.2
V
fSAMPLE = 500 kSPS
5.2
6.5
mA
fSAMPLE = 250 kSPS in Auto-NAP mode
3.2
mA
IA
Analog supply current
Nap mode, SCLK = VBD or DGND
325
400
μA
Deep PD mode, SCLK = VBD or DGND
50
250
nA
fSAMPLE = 500 kilobytes per second
0.1
0.4
mA
IBD
Digital I/O supply current
fSAMPLE = 250 kSPS in Auto-NAP mode
0.05
mA
VA = 2.7 V, VBD = 1.65 V, fSAMPLE = 500 kSPS
14.2
18.2
mW
Power dissipation
VA = 2.7V, VBD = 1.65 V, fSAMPLE = 250 kSPS in Auto-
8.72
mW
NAP mode
TEMPERATURE RANGE
TA
Operating free-air temperature
–40
85
°C
(5)
The ADS8331/32 operates with VA from 2.7 V to 5.5 V, and VREF between 1.2 V and VA. However, the device may not meet the
specifications listed in the Electrical Characteristics when VA is from 3.6 V to 4.5 V.
(6)
Can vary ±30%.
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: ADS8331 ADS8332



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com