Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8331IBRGET Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8331IBRGET
Description  Low-Power, 16-Bit, 500-kSPS, 4-/8-Channel Unipolar Input Analog-to-Digital Converters
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8331IBRGET Datasheet(HTML) 29 Page - Texas Instruments

Back Button ADS8331IBRGET Datasheet HTML 25Page - Texas Instruments ADS8331IBRGET Datasheet HTML 26Page - Texas Instruments ADS8331IBRGET Datasheet HTML 27Page - Texas Instruments ADS8331IBRGET Datasheet HTML 28Page - Texas Instruments ADS8331IBRGET Datasheet HTML 29Page - Texas Instruments ADS8331IBRGET Datasheet HTML 30Page - Texas Instruments ADS8331IBRGET Datasheet HTML 31Page - Texas Instruments ADS8331IBRGET Datasheet HTML 32Page - Texas Instruments ADS8331IBRGET Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 57 page
background image
ADS8331, ADS8332
www.ti.com
SBAS363D – DECEMBER 2009 – REVISED OCTOBER 2015
Programming (continued)
NOTE
There are cases where a cycle can be anywhere from 4 SCLKs up to 24 SCLKs,
depending on the read mode combination. See Table 4 for details.
8.5.1.1 Internal Register
The internal register consists of two parts: four bits for the Command register (CMR) and 12 bits for the
Configuration register (CFR).
Table 4. Command Set Defined by Command Register (CMR)(1)
WAKE UP
MINIMUM
D[15:12]
HEX
COMMAND
D[11:0]
FROM AUTO-
SCLKs
R/W
NAP
REQUIRED
0000b
0h
Select analog input channel 0
Don't care
Y
4
W
0001b
1h
Select analog input channel 1
Don't care
Y
4
W
0010b
2h
Select analog input channel 2
Don't care
Y
4
W
0011b
3h
Select analog input channel 3
Don't care
Y
4
W
0100b
4h
Select analog input channel 4(2)
Don't care
Y
4
W
0101b
5h
Select analog input channel 5(2)
Don't care
Y
4
W
0110b
6h
Select analog input channel 6(2)
Don't care
Y
4
W
0111b
7h
Select analog input channel 7(2)
Don't care
Y
4
W
1000b
8h
Reserved
Reserved
—
—
—
1001b
9h
Reserved
Reserved
—
—
—
1010b
Ah
Reserved
Reserved
—
—
—
1011b
Bh
Wake up
Don't care
Y
4
W
1100b
Ch
Read CFR
Don't care
—
16
R
1101b
Dh
Read data
Don't care
—
16
R
1110b
Eh
Write CFR
CFR Value
—
16
W
Default mode
1111b
Fh
Don't care
Y
4
W
(load CFR with default value)
(1)
The first four bits from SDO after the falling edge of FS/CS are the four MSBs from the previous conversion result. The next 12 bits from
SDO are the contents of the CFR.
(2)
These commands apply only to the ADS8332; they are reserved (not available) for the ADS8331.
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Links: ADS8331 ADS8332



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com