Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8331IBRGET Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8331IBRGET
Description  Low-Power, 16-Bit, 500-kSPS, 4-/8-Channel Unipolar Input Analog-to-Digital Converters
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8331IBRGET Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADS8331IBRGET Datasheet HTML 9Page - Texas Instruments ADS8331IBRGET Datasheet HTML 10Page - Texas Instruments ADS8331IBRGET Datasheet HTML 11Page - Texas Instruments ADS8331IBRGET Datasheet HTML 12Page - Texas Instruments ADS8331IBRGET Datasheet HTML 13Page - Texas Instruments ADS8331IBRGET Datasheet HTML 14Page - Texas Instruments ADS8331IBRGET Datasheet HTML 15Page - Texas Instruments ADS8331IBRGET Datasheet HTML 16Page - Texas Instruments ADS8331IBRGET Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 57 page
background image
VA(V)
8.0
7.5
7.0
6.5
6.0
5.5
5.0
4.5
4.0
V
=2.500V
REF
V
=4.096V
REF
VA(V)
500
450
400
350
300
V
=2.500V
REF
V
=4.096V
REF
OutputCode
3
2
1
0
1
2
3
-
-
-
4000h
8000h
C000h
FFFFh
0000h
VA=VBD=2.7V
V
=2.500V
REF
OutputCode
3
2
1
0
1
2
3
-
-
-
4000h
8000h
C000h
FFFFh
0000h
VA=VBD=5.0V
V
=4.096V
REF
OutputCode
3
2
1
0
1
2
3
-
-
-
4000h
8000h
C000h
FFFFh
0000h
VA=VBD=2.7V
V
=2.500V
REF
OutputCode
3
2
1
0
1
2
3
-
-
-
4000h
8000h
C000h
FFFFh
0000h
VA=VBD=5.0V
V
=4.096V
REF
ADS8331, ADS8332
www.ti.com
SBAS363D – DECEMBER 2009 – REVISED OCTOBER 2015
7.9 Typical Characteristics - DC Performance
At TA = 25°C, VREF (REF+ – REF–) = 4.096 V when VA = VBD = 5 V or VREF (REF+ – REF–) = 2.5 V when VA = VBD = 2.7
V, fSCLK = 21 MHz, and fSAMPLE = 500 kSPS, unless otherwise noted.
Figure 5. Integral Linearity Error vs Code
Figure 6. Integral Linearity Error vs Code
Figure 7. Differential Linearity Error vs Code
Figure 8. Differential Linearity Error vs Code
Figure 9. Analog Supply Current vs Analog Supply Voltage
Figure 10. Analog Supply Current in NAP Mode vs
Analog Supply Voltage
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: ADS8331 ADS8332



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com