Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8331IBRGET Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8331IBRGET
Description  Low-Power, 16-Bit, 500-kSPS, 4-/8-Channel Unipolar Input Analog-to-Digital Converters
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8331IBRGET Datasheet(HTML) 32 Page - Texas Instruments

Back Button ADS8331IBRGET Datasheet HTML 28Page - Texas Instruments ADS8331IBRGET Datasheet HTML 29Page - Texas Instruments ADS8331IBRGET Datasheet HTML 30Page - Texas Instruments ADS8331IBRGET Datasheet HTML 31Page - Texas Instruments ADS8331IBRGET Datasheet HTML 32Page - Texas Instruments ADS8331IBRGET Datasheet HTML 33Page - Texas Instruments ADS8331IBRGET Datasheet HTML 34Page - Texas Instruments ADS8331IBRGET Datasheet HTML 35Page - Texas Instruments ADS8331IBRGET Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 57 page
background image
CONVST
CONVST
CONVST
#1
#2
#3
EOC#1
(activelow)
CS #2
#3
CS
SCLK#1
SCLK#2
SCLK#3
SDO#1
CDI#2
SDO#2
CDI#3
Conversion N
Conversion
fromDevice#2
N
1..............16
ManualTrigger,ReadWhileSampling
(UseinternalCCLK,EOCactivelow,andTAGmodedisabled)
High-Z
High-Z
High-Z
CS #1
t
=18CCLK
CONV
t
=3CCLKmin
SAMPLE1
t
SU2
t
SU2
High-Z
SDO#3
High-Z
High-Z
1..............16
1..............16
Conversion
fromDevice#3
N
Conversion
fromDevice#1
N
Conversion
fromDevice#1
N
Conversion
fromDevice#2
N
Conversion
fromDevice#1
N
SDI#1
SDI#2
SDI#3
Don'tCare
Configure
ReadData
ReadData
Don'tCare
ADS8331/32
#1
SDI
SDO
SDI
SDO
SDI
SDO
MICROCONTROLLER
SDI
SDO
CS1
CS2
CS3
ProgramDevice#1:CFR_D5= ‘1’
INT
CS
CONVST
CS
CONVST
CS
CONVST
EOC/INT
CDI
CDI
ProgramDevices#2and#3:CFR_D5= ‘0’
SCLK
SCLK
SCLK
SCLK
ADS8331/32
#2
ADS8331/32
#3
ADS8331, ADS8332
SBAS363D – DECEMBER 2009 – REVISED OCTOBER 2015
www.ti.com
Figure 46. Multiple Converters Connected Using Daisy-Chain Mode
When multiple converters are used in daisy-chain mode, the first converter is configured in regular mode while
the rest of the converters downstream are configured in daisy-chain mode. When a converter is configured in
daisy-chain mode, the CDI input data go straight to the output register. Therefore, the serial input data passes
through the converter with either a 16 SCLK (if the TAG feature is disabled) or 24-SCLK delay, as long as CS is
active. See Figure 47 for detailed timing. In this timing diagram, the conversion in each converter is performed
simultaneously.
Figure 47. Simplified Dasiy-Chain Mode Timing With Shared CONVST and Continuous CS
The multiple CS signals must be handled with care when the converters are operating in daisy-chain mode. The
different chip select signals must be low for the entire data transfer (in this example, 48 bits for three
conversions). The first 16-bit word after the falling chip select is always the data from the chip that received the
chip select signal.
32
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: ADS8331 ADS8332



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com