Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M34E04B Datasheet(PDF) 12 Page - STMicroelectronics

Part # M34E04B
Description  4-Kbit Serial Presence Detect EEPROM compatible
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34E04B Datasheet(HTML) 12 Page - STMicroelectronics

Back Button M34E04B Datasheet HTML 8Page - STMicroelectronics M34E04B Datasheet HTML 9Page - STMicroelectronics M34E04B Datasheet HTML 10Page - STMicroelectronics M34E04B Datasheet HTML 11Page - STMicroelectronics M34E04B Datasheet HTML 12Page - STMicroelectronics M34E04B Datasheet HTML 13Page - STMicroelectronics M34E04B Datasheet HTML 14Page - STMicroelectronics M34E04B Datasheet HTML 15Page - STMicroelectronics M34E04B Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
Device operation
M34E04B
12/35
DocID028428 Rev 1
Up to eight memory devices can be connected on a single serial bus. Each one is given a
unique 3-bit code on the slave address (SA2, SA1, SA0) inputs. When the device select
code is received, the device only responds if the slave address is the same as the value on
the slave address (SA2, SA1, SA0) inputs.
The 8th bit is the Read/Write bit (RW). This bit is set to 1 for Read and 0 for Write operations.
If a match occurs on the device select code, the corresponding device gives an
acknowledgment on Serial Data (SDA) during the 9th bit time. If the device does not match
the device select code, it deselects itself from the bus, and goes into Standby mode.
3.6
Write operations
Following a Start condition, the bus master sends a device select code with the RW bit reset
to 0. The device acknowledges this, as shown in Figure 5, and waits for an address byte.
Table 2. Device Type Identifier Code (DTIC)
Abbr
Device type identifier
(1)
Select address
(2) (3)
R_W_n
SA0 pin
(4)
b7
b6
b5
b4
b3
b2
b1
b0
Read
RSPD
1
0
1
0
LSA2 LSA1 LSA0
1
0 or 1
Write
WSPD
0
Set Write Protection, block 0
SWP0
011
0
001
0
VHV
Set Write Protection, block 1
SWP1
1
0
0
0
VHV
Set Write Protection, block 2
SWP2
1
0
1
0
VHV
Set Write Protection, block 3
SWP3
0
0
0
0
VHV
Clear All Write Protection
CWP
0
1
1
0
VHV
Read Protection Status, block 0 (5) RPS0
0
0
1
1
0, 1 or VHV
Read Protection Status, block 1 (5) RPS1
1
0
0
1
0, 1 or VHV
Read Protection Status, block 2 (5) RPS2
1
0
1
1
0, 1 or VHV
Read Protection Status, block 3 (5) RPS3
0
0
0
1
0, 1 or VHV
Set Page Address to 0 (6)
SPA0
1
1
0
0
0, 1 or VHV
Set Page Address to 1 (6)
SPA1
1
1
1
0
0, 1 or VHV
Read Page Address (7)
RPA
110
1
0, 1 or VHV
Reserved
-
All other encodings
1. The most significant bit, b7, is sent first.
2. Logical Serial Addresses (LSA) are generated by the combination of inputs on the SA pins.
3. For backward compatibility with M34E02 devices, the order of block select bits (b3 and b1) is not a simple binary encoding
of the block number.
4. SA0 pin is driven to Vss, Vcc or VHV.
5. Reading the block protection status results in Ack.
6. Setting the EE page address to 0 selects the lower 256 bytes of EEPROM; setting it to 1 selects the upper 256 bytes of
EEPROM. Subsequent Read EE or Write EE commands operate on the selected EE page.
7. Reading the EE page address results in Ack when the current page is 0, and NoAck when the current page is 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com