Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M34E04B Datasheet(PDF) 17 Page - STMicroelectronics

Part # M34E04B
Description  4-Kbit Serial Presence Detect EEPROM compatible
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34E04B Datasheet(HTML) 17 Page - STMicroelectronics

Back Button M34E04B Datasheet HTML 13Page - STMicroelectronics M34E04B Datasheet HTML 14Page - STMicroelectronics M34E04B Datasheet HTML 15Page - STMicroelectronics M34E04B Datasheet HTML 16Page - STMicroelectronics M34E04B Datasheet HTML 17Page - STMicroelectronics M34E04B Datasheet HTML 18Page - STMicroelectronics M34E04B Datasheet HTML 19Page - STMicroelectronics M34E04B Datasheet HTML 20Page - STMicroelectronics M34E04B Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
DocID028428 Rev 1
17/35
M34E04B
Device operation
34
Note:
The seven most significant bits of the device select code of a Random Read (in the 1st and
3rd bytes) must be identical.
3.8
Setting the write protection
There are four independent memory blocks, and each block may be independently
protected. The memory blocks are:
•
Block 0 = memory addresses 0x00 to 0x7F (decimal 0 to 127), page address = 0
•
Block 1 = memory addresses 0x80 to 0xFF (decimal 128 to 255), page address = 0
•
Block 2 = memory addresses 0x00 to 0x7F (decimal 0 to 127), page address = 1
•
Block 3 = memory addresses 0x80 to 0xFF (decimal 128 to 255), page address = 1
The device has three software commands for setting, clearing, or interrogating the write-
protection status.
•
SWPn: Set Write Protection for block n
•
CWP: Clear Write Protection for all blocks
•
RPSn: Read Protection status for block n
The level of write protection (set or cleared), that has been defined using these instructions,
remains defined even after a power cycle.
The DTICs of the SWP, CWP and RPS instructions are defined in Table 2.
3.8.1
Set and clear the write protection (SWPn and CWP)
If the software write protection has been set with the SWPn instruction, it may be cleared
again with a CWP instruction. SWPn acts on a single block as specified in the SWPn
command, but CWP clears the write protection for all blocks.
When decoded, SWPn and CWPn trigger a write cycle lasting tW (see Table 13).
The DTICs of the SWP and CWP instructions are defined in Table 2.
Figure 8. Setting the write protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com