Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M34E04B Datasheet(PDF) 15 Page - STMicroelectronics

Part # M34E04B
Description  4-Kbit Serial Presence Detect EEPROM compatible
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34E04B Datasheet(HTML) 15 Page - STMicroelectronics

Back Button M34E04B Datasheet HTML 11Page - STMicroelectronics M34E04B Datasheet HTML 12Page - STMicroelectronics M34E04B Datasheet HTML 13Page - STMicroelectronics M34E04B Datasheet HTML 14Page - STMicroelectronics M34E04B Datasheet HTML 15Page - STMicroelectronics M34E04B Datasheet HTML 16Page - STMicroelectronics M34E04B Datasheet HTML 17Page - STMicroelectronics M34E04B Datasheet HTML 18Page - STMicroelectronics M34E04B Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
DocID028428 Rev 1
15/35
M34E04B
Device operation
34
can be used by the bus master.
3.7
Read operations
Read operations are performed independently of software protection has been set.
The device has an internal address counter which is incremented each time a byte is read.
3.7.1
Random address read
A dummy Write is first performed to load the address into this address counter (as shown in
Figure 7) but without sending a Stop condition. Then, the bus master sends another Start
condition, and repeats the device select code, with the RW bit set to 1. The device
acknowledges this, and outputs the contents of the addressed byte. The bus master must
not acknowledge the byte, and terminates the transfer with a Stop condition.
3.7.2
Current address read
For the Current address read operation, following a Start condition, the bus master only
sends a device select code with the RW bit set to 1. The device acknowledges this, and
outputs the byte addressed by the internal address counter. The counter is then
incremented. The bus master terminates the transfer with a Stop condition, as shown in
Figure 7, without acknowledging the byte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com