Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M34E04B Datasheet(PDF) 27 Page - STMicroelectronics

Part # M34E04B
Description  4-Kbit Serial Presence Detect EEPROM compatible
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34E04B Datasheet(HTML) 27 Page - STMicroelectronics

Back Button M34E04B Datasheet HTML 23Page - STMicroelectronics M34E04B Datasheet HTML 24Page - STMicroelectronics M34E04B Datasheet HTML 25Page - STMicroelectronics M34E04B Datasheet HTML 26Page - STMicroelectronics M34E04B Datasheet HTML 27Page - STMicroelectronics M34E04B Datasheet HTML 28Page - STMicroelectronics M34E04B Datasheet HTML 29Page - STMicroelectronics M34E04B Datasheet HTML 30Page - STMicroelectronics M34E04B Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 35 page
background image
DocID028428 Rev 1
27/35
M34E04B
DC and AC parameters
34
Table 13. AC characteristics
Symbol
Parameter
VCC < 2.2 V
VCC ≥ 2.2 V
Unit
100 kHz
400 kHz
1000 kHz
Min.
Max.
Min.
Max.
Min.
Max.
fSCL
fC
Clock frequency
10
100
10
400
10
1000
kHz
tHIGH
tCHCL
Clock pulse width high time
4000
-
600
-
260
-
ns
tLOW (1)
tCLCH
Clock pulse width low time
4700
-
1300
-
500
-
ns
tTIMEOUT (2)
Detect clock low timeout
25
35
25
35
25
35
ms
tR (3)
tXH1XH2 SDA rise time
-
1000
20
300
-
120
ns
tF (3)
tQL1QL2 SDA(out) fall time
-
300
20
300
-
120
ns
tSU:DAT
tDXCH
Data in setup time
250
-
100
-
50
-
ns
tHD:DI
tCLDX
Data in hold time
0
-
0
-
0
-
ns
tHD:DAT
tCLQX
Data out hold time
200
3450
200
900
0
350
ns
tSU:STA (4)
tCHDL
Start condition setup time
4700
-
600
-
260
-
ns
tHD:STA
tDLCL
Stop condition hold time
4000
-
600
-
260
-
ns
tSU:STO
tCHDH
Stop condition setup time
4000
-
600
-
260
-
ns
tBUF
tDHDL
Time between Stop Condition and
next Start Condition
4700
-
1300
-
500
-
ns
tW
Write time
-
5
-
5
-
5
ms
tPOFF (3)
Time ensuring a Reset when VCC
drops below VPDR(min)
100
-
100
-
100
-
µs
tINIT (3)
Time from VCC(min) to the first
command
0-0-
0
-
µs
1. Initiate clock stretching, which is an optional SMBus bus feature.
2. A timeout condition can only be ensured if SCL is driven low for tTIMEOUT(Max) or longer; then the M34E04B is set in
Standby mode and is ready to receive a new START condition. If SCL is driven low for less than tTIMEOUT(Min), the
M34E04B internal state remains unchanged.
3. Measured during characterization, not tested in production.
4. To avoid spurious START and STOP conditions, a minimum delay is placed between the falling edge of SCL and the falling
or rising edge of SDA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com