Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M34E04B Datasheet(PDF) 20 Page - STMicroelectronics

Part # M34E04B
Description  4-Kbit Serial Presence Detect EEPROM compatible
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34E04B Datasheet(HTML) 20 Page - STMicroelectronics

Back Button M34E04B Datasheet HTML 16Page - STMicroelectronics M34E04B Datasheet HTML 17Page - STMicroelectronics M34E04B Datasheet HTML 18Page - STMicroelectronics M34E04B Datasheet HTML 19Page - STMicroelectronics M34E04B Datasheet HTML 20Page - STMicroelectronics M34E04B Datasheet HTML 21Page - STMicroelectronics M34E04B Datasheet HTML 22Page - STMicroelectronics M34E04B Datasheet HTML 23Page - STMicroelectronics M34E04B Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
Use within a DDR4 DRAM module
M34E04B
20/35
DocID028428 Rev 1
5
Use within a DDR4 DRAM module
In the application, the M34E04B is soldered directly in the printed circuit module. The three
slave address inputs (SA2, SA1, SA0) must be connected to VSS or VCC directly (that is
without using a serial resistor) through the DRAM module connector (see Table 3 and
Figure 3). The pull-up resistor on SDA is connected on the SMBus of the motherboard (as
shown in Figure 9).
5.1
Programming the M34E04B
The situations in which the M34E04B is programmed can be considered under two
headings:
•
when the DDR4 DRAM is isolated (not inserted on the PCB motherboard)
•
when the DDR4 DRAM is inserted on the PCB motherboard
5.1.1
Isolated DRAM module
With a specific programming equipment, it is possible to define the M34E04B content, using
Byte and Page write instructions, and the write-protection SWP(n) and CWP instructions. To
issue the SWP(n) and CWP instructions, the signal applied on SA0 must be driven to VHV
during the whole instruction.
5.1.2
DRAM module inserted in the application motherboard
Table 4 and Table 5 show how the Ack bits can be used to identify the write-protection
status.
Table 3. DRAM DIMM connections
DIMM position
SA2
SA1
SA0
0
VSS
VSS
VSS
1
VSS
VSS
VCC
2
VSS
VCC
VSS
3
VSS
VCC
VCC
4
VCC
VSS
VSS
5
VCC
VSS
VCC
6
VCC
VCC
VSS
7
VCC
VCC
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com