Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M34E04B Datasheet(PDF) 26 Page - STMicroelectronics

Part # M34E04B
Description  4-Kbit Serial Presence Detect EEPROM compatible
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34E04B Datasheet(HTML) 26 Page - STMicroelectronics

Back Button M34E04B Datasheet HTML 22Page - STMicroelectronics M34E04B Datasheet HTML 23Page - STMicroelectronics M34E04B Datasheet HTML 24Page - STMicroelectronics M34E04B Datasheet HTML 25Page - STMicroelectronics M34E04B Datasheet HTML 26Page - STMicroelectronics M34E04B Datasheet HTML 27Page - STMicroelectronics M34E04B Datasheet HTML 28Page - STMicroelectronics M34E04B Datasheet HTML 29Page - STMicroelectronics M34E04B Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 35 page
background image
DC and AC parameters
M34E04B
26/35
DocID028428 Rev 1
Table 12. DC characteristics
Symbol
Parameter
Test condition (in addition to
those in Table 7)
Min
Max
Unit
ILI
Input leakage current (SCL,
SDA, SA0, SA1, SA2)
VIN = VSS or VCC
-± 2
µA
ILO
Output leakage current
SDA in Hi-Z, external voltage
applied on SDA: VSS or VCC
-± 2
µA
ICC
Supply current (read)
fc = 400 kHz or 1 MHz
-
1
mA
ICC0
Supply current (write)
During tW, VIN = VSS or VCC
-1 (1)
1. Measured during characterization, not tested in production.
mA
ICC1
Standby supply current
Device not selected (2),
VIN = VSS or VCC, VCC ≥ 2.2 V
2. The device is not selected after a power-up, after a read command (after the Stop condition), or after the
completion of the internal write cycle tW (tW is triggered by the correct decoding of a write command).
-2
µA
Device not selected (2),
VIN = VSS or VCC, VCC < 2.2 V
-1
µA
VIL
Input low voltage
(SCL, SDA)
-
-0.45
0.3 VCC
V
VIH
Input high voltage
(SCL, SDA)
-0.7VCC
VCC+1
V
VHV
SA0 high voltage detect
VCC < 2.2 V
7
10
V
VCC ≥ 2.2 V
VCC
+4.8 V
10
V
VOL
Output low voltage
IOL = 20 mA, VCC ≥ 2.2 V
-
0.4
V
IOL = 6 mA, VCC ≤2 V
-
0.6
V
IOL = 3 mA, VCC ≤2 V
-
0.4
V
VPOR
Power on reset threshold
-
-
1.4 (1)
V
VPDR
Power down reset threshold
-
0.7 (1)
-V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com