Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M34E04B Datasheet(PDF) 32 Page - STMicroelectronics

Part # M34E04B
Description  4-Kbit Serial Presence Detect EEPROM compatible
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34E04B Datasheet(HTML) 32 Page - STMicroelectronics

Back Button M34E04B Datasheet HTML 27Page - STMicroelectronics M34E04B Datasheet HTML 28Page - STMicroelectronics M34E04B Datasheet HTML 29Page - STMicroelectronics M34E04B Datasheet HTML 30Page - STMicroelectronics M34E04B Datasheet HTML 31Page - STMicroelectronics M34E04B Datasheet HTML 32Page - STMicroelectronics M34E04B Datasheet HTML 33Page - STMicroelectronics M34E04B Datasheet HTML 34Page - STMicroelectronics M34E04B Datasheet HTML 35Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 32 / 35 page
background image
Part numbering
M34E04B
32/35
DocID028428 Rev 1
9
Part numbering
For a list of available options (speed, package, etc.) or for further information on any aspect
of this device, please contact your nearest ST sales office.
Table 15. Ordering information scheme
Example:
M34E04B -
F MC 9
T G H
Device type
M34 = Application specific I2C serial access EEPROM
Device function
E04B = 4 Kbit (512 × 8) SPD (serial presence detect)
Operating voltage
F = VCC = 1.7 to 3.6 V over 0 °C to 95 °C
Package(1)
1. All package are ECOPACK2® (RoHS-compliant and free of brominated, chlorinated and antimony-oxide
flame retardants)
MC= UFDFPN8 (MLP8)
Temperature range
9 = 0 °C to 95 °C
Option
T = Tape and reel packing
blank = Tube packing
Plating technology
G = ECOPACK2®
Wire Bonding
H = Gold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com