Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS6955CA Datasheet(PDF) 61 Page - STMicroelectronics

Part # VS6955CA
Description  5.0 megapixel fixed-focus camera module
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6955CA Datasheet(HTML) 61 Page - STMicroelectronics

Back Button VS6955CA Datasheet HTML 57Page - STMicroelectronics VS6955CA Datasheet HTML 58Page - STMicroelectronics VS6955CA Datasheet HTML 59Page - STMicroelectronics VS6955CA Datasheet HTML 60Page - STMicroelectronics VS6955CA Datasheet HTML 61Page - STMicroelectronics VS6955CA Datasheet HTML 62Page - STMicroelectronics VS6955CA Datasheet HTML 63Page - STMicroelectronics VS6955CA Datasheet HTML 64Page - STMicroelectronics VS6955CA Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 90 page
background image
DocID028071 Rev 2
61/90
VS6955CA
Video timing
73
7.1.9
Framerate
The framerate of the array readout and therefore the output framerate is governed by the
line length, frame length and the video timing pixel clock frequency.
•
Line length is specified as a number of pixel clocks, line_length_pck.
•
Frame length is specified as a number of lines, frame_length_lines.
•
Video timing pixel clock is specified in MHz, vt_pix_clk_freq_mhz.
The equation relating the framerate to the Line length, frame length and the video timing
pixel clock frequency is given below:.
The maximum frame rate that can be achieved in profile 0 for RAW10 is 18 fps with CSI2
single lane. Table 34 provides an example of frame timing for RAW10 mode for 18 fps.
Table 35 provides an example of frame timing for 10-8 mode for 23 fps with CSI-2 single
lane.
7.1.10
Derating
To provide a wide range of data rate reduction options, the full image scaler is able to
reduce the data and therefore data rates in both the horizontal and vertical directions. In the
VS6955CA this is achieved by the use of a FIFO between video timing and output clock
domains.
It is therefore necessary for the host to configure the OP clock domain to ensure that the
FIFO neither over flows or under flows.
Framerate
vt_pix_clk_freq_mhz
line_length_pck
frame_length_lines
×
--------------------------------------------------------------------------------------------------
=
Table 34. External clock frequency example - 5.0 Mpixel RAW10 18 fps (CSI-2 single lane)
Ext clk
freq
Pre-PLL
clk div
PLL
multiplier
VT sys
clk div
VT pixel
clk div
VT pixel
clock
OP sys
clk div
OP pixel
clk div
OP pixel
clock
Line
length
Frame
length
MHz
Integer
Integer
(Dec)
Integer
Integer
MHz
Integer
Integer
MHz
Pixel
Clks
Lines
(Dec)
9.60
1
208
2
10
99.84
2
10
99.84
2750
1976
Table 35. External clock frequency examples - 5.0 Mpixel 10-8 23 fps (CSI-2 single lane)
Ext clk
freq
Pre-PLL
clk div
PLL
multiplier
VT sys
clk div
VT pixel
clk div
VT pixel
clock
OP sys
clk div
OP pixel
clk div
OP pixel
clock
Line
length
Frame
length
MHz
Integer
Integer
(Dec)
Integer
Integer
MHz
Integer
Integer
MHz
Pixel
Clks
Lines
(Dec)
9.60
1
208
2
8
124.8
2
8
124.8
2750
1976



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com