Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS6955CA Datasheet(PDF) 29 Page - STMicroelectronics

Part # VS6955CA
Description  5.0 megapixel fixed-focus camera module
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6955CA Datasheet(HTML) 29 Page - STMicroelectronics

Back Button VS6955CA Datasheet HTML 25Page - STMicroelectronics VS6955CA Datasheet HTML 26Page - STMicroelectronics VS6955CA Datasheet HTML 27Page - STMicroelectronics VS6955CA Datasheet HTML 28Page - STMicroelectronics VS6955CA Datasheet HTML 29Page - STMicroelectronics VS6955CA Datasheet HTML 30Page - STMicroelectronics VS6955CA Datasheet HTML 31Page - STMicroelectronics VS6955CA Datasheet HTML 32Page - STMicroelectronics VS6955CA Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 90 page
background image
DocID028071 Rev 2
29/90
VS6955CA
Camera control interface (CCI)
48
0111
csi_signalling_mode
8UI
02
RW
Determines which transmission
signalling mode is to be used.
0 = CCP2 data-clock signalling.
1 = CCP2 data-strobe signalling.
2 = CSI2.
0112
Hi
csi_data_format
16UI
0A
RW
The value of this register contains the
pixel width of the uncompressed pixel
data.
Valid values are 0xA and 0x8.
0113
Lo
0A
The value of this register contains the
pixel width of the compressed pixel
data.
Valid values are 0xA and 0x8.
0114
csi_lane_mode
8UI
01
RW
Number of data lanes in use.
0 = 1-lane.
1 = 2-lane.
Note: This register must be set to 0.
0115
csi2_10_to_8_dt
8UI
30
RW
CSI-2 data type for 10-to-8
compression.
0117
csi2_10_to_6_dt
8UI
31
RW
CSI-2 data type for 10-to-6
compression.
0120
gain_mode
8UI
00
RO
Global gain mode - this device only
supports 0x00.
0130
Hi
vana_voltage
16UR
02
RW
Typical supplied VANA voltage.
0131
Lo
CC
0132
Hi
vdig_voltage
16UR
01
RW
Typical supplied VDIG voltage.
0133
Lo
CC
0134
Hi
vio_voltage
16UR
01
RW
Typical IO voltage.
0135
Lo
CC
0136
Hi
ext_clkfreq
16UR
06
RW
8.8 fixed-point representation of the
external clock-frequency, in MHz.
0137
Lo
00
Table 13. Setup registers [0x0100 to 0x0137] (continued)
Index
Byte
Register name
Data
type
Default
Type
Comment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com