Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS6955CA Datasheet(PDF) 45 Page - STMicroelectronics

Part # VS6955CA
Description  5.0 megapixel fixed-focus camera module
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6955CA Datasheet(HTML) 45 Page - STMicroelectronics

Back Button VS6955CA Datasheet HTML 41Page - STMicroelectronics VS6955CA Datasheet HTML 42Page - STMicroelectronics VS6955CA Datasheet HTML 43Page - STMicroelectronics VS6955CA Datasheet HTML 44Page - STMicroelectronics VS6955CA Datasheet HTML 45Page - STMicroelectronics VS6955CA Datasheet HTML 46Page - STMicroelectronics VS6955CA Datasheet HTML 47Page - STMicroelectronics VS6955CA Datasheet HTML 48Page - STMicroelectronics VS6955CA Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 90 page
background image
DocID028071 Rev 2
45/90
VS6955CA
Camera control interface (CCI)
48
4.2.19
Scaling limit registers [0x1200 to 0x120F]
4.2.20
Compression capability registers [0x1300]
4.2.21
Derate capability registers [0x1500 to 0x1502]
Table 27. Scaling limit registers [0x1200 to 0x120F]
Index
Byte
Register name
Data
type
Default
Type
Comment
1200
Hi
scaling_capability
16UI
00
RO
VS6955CA supports horizontal
digital scaling
1201
Lo
01
1204
Hi
scale_m_min
16UI
00
RO
Minimum M value for downscale.
1205
Lo
10
1206
Hi
scale_m_max
16UI
00
RO
Maximum M value for downscale.
1207
Lo
A3
1208
Hi
scale_n_min
16UI
00
RO
Minimum N value for downscale.
1209
Lo
10
120A
Hi
scale_n_max
16UI
00
RO
Maximum N value for downscale.
120B
Lo
10
120C
Hi
spatial_sampling_
capability
16UI
00
RO
Spatial sampling capability
Bayer sampling supported
2 or 4 component co-sited supported
120D
Lo
03
120E
Hi
digital_crop_capability
16UI
00
RO
Digital crop is supported.
Note. This should be a 8 bit register.
i.e. The value for 0x120E should be
01
120F
Lo
01
Table 28. Compression capability registers [0x1300]
Index
Byte
Register name
Data
type
Default
Type
Comment
1300
Hi
compression_capability
16UI
00
RO
Compression capability is
DPCM/PCM.
1301
Lo
01
Table 29. Derate capability registers [0x1500 to 0x1502]
Index
Byte
Register name
Data
type
Default
Type
Comment
1500
Hi
fifo_size_pixels
16UI
00
RO
FIFO size in pixels (derate sync
RAM).
1501
Lo
00
1502
fifo_support_capability
8UI
01
RO
VS6955CA supports derating



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com