Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS6955CA Datasheet(PDF) 41 Page - STMicroelectronics

Part # VS6955CA
Description  5.0 megapixel fixed-focus camera module
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6955CA Datasheet(HTML) 41 Page - STMicroelectronics

Back Button VS6955CA Datasheet HTML 37Page - STMicroelectronics VS6955CA Datasheet HTML 38Page - STMicroelectronics VS6955CA Datasheet HTML 39Page - STMicroelectronics VS6955CA Datasheet HTML 40Page - STMicroelectronics VS6955CA Datasheet HTML 41Page - STMicroelectronics VS6955CA Datasheet HTML 42Page - STMicroelectronics VS6955CA Datasheet HTML 43Page - STMicroelectronics VS6955CA Datasheet HTML 44Page - STMicroelectronics VS6955CA Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 90 page
background image
DocID028071 Rev 2
41/90
VS6955CA
Camera control interface (CCI)
48
4.2.18
Video timing limit registers [0x1100 to 0x11C7]
Table 26. Video timing limit registers [0x1100 to 0x11C7]
Index
Byte
Register name
Data
type
Default
Type
Comment
1100
Hi
min_ext_clk_freq
32UI
40
RO
Minimum external clock frequency.
1101
3rd
C0
1102
2nd
00
1103
Lo
00
1104
Hi
max_ext_clk_freq
32UI
41
RO
Maximum external clock frequency.
1105
3rd
D8
1106
2nd
00
1107
Lo
00
1108
Hi
min_pre_pll_clk_div
16UI
00
RO
Minimum value of pre-PLL clock
divider.
1109
Lo
01
110A
Hi
max_pre_pll_clk_div
16UI
00
RO
Maximum value of pre-PLL clock
divider.
110B
Lo
04
110C
Hi
min_pll_ip_freq
32UI
40
RO
Minimum input clock frequency to the
PLL.
110D
3rd
C0
110E
2nd
00
110F
Lo
00
1110
Hi
max_pll_ip_freq
32UI
41
RO
Maximum input clock frequency to
the PLL.
1111
3rd
40
1112
2nd
00
1113
Lo
00
1114
Hi
min_pll_multiplier
16UI
00
RO
Minimum PLL multiplier value.
1115
Lo
4C
1116
Hi
max_pll_multiplier
16UI
01
RO
Maximum PLL multiplier value.
1117
Lo
4C
1118
Hi
min_pll_op_freq
32UI
44
RO
Minimum PLL output frequency.
1119
3rd
61
111A
2nd
00
111B
Lo
00
111C
Hi
max_pll_op_freq
32UI
44
RO
Maximum PLL output frequency.
111D
3rd
FA
111E
2nd
00
111F
Lo
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com