Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS6955CA Datasheet(PDF) 49 Page - STMicroelectronics

Part # VS6955CA
Description  5.0 megapixel fixed-focus camera module
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6955CA Datasheet(HTML) 49 Page - STMicroelectronics

Back Button VS6955CA Datasheet HTML 45Page - STMicroelectronics VS6955CA Datasheet HTML 46Page - STMicroelectronics VS6955CA Datasheet HTML 47Page - STMicroelectronics VS6955CA Datasheet HTML 48Page - STMicroelectronics VS6955CA Datasheet HTML 49Page - STMicroelectronics VS6955CA Datasheet HTML 50Page - STMicroelectronics VS6955CA Datasheet HTML 51Page - STMicroelectronics VS6955CA Datasheet HTML 52Page - STMicroelectronics VS6955CA Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 90 page
background image
DocID028071 Rev 2
49/90
VS6955CA
Video data interface
73
6
Video data interface
The video stream output from the VS6955CA through the compact camera port (CCP) or
camera serial interface (CSI) contains both video data and other auxiliary information. This
section describes the frame formats.
The selection of the video data format is controlled using the following register:
CSI_SIGNALLING_MODE (0x0111)
0 - CCP2 data/clock
1 - CCP2 data/strobe
2 - CSI-2 (default)
Changing the video data format must be performed when the sensor is in software standby.
•
The VS6955CA supports maximum output data rate of 1.0 Gbps when operated in CSI-
2 single lane mode.
•
The VS6955CA CCP lane is capable of transmitting at 640 Mbps.
•
The CSI-2 data lane transmitter supports:
–
unidirectional master
–HS-TX
–
LP-TX (ULPS)
–
CIL-MUYN function
•
The CSI-2 clock lane transmitter supports:
–
unidirectional master
–HS-TX
–
LP-TX (ULPS)
–
CIL-MCNN function
6.1
Frame format
The frame format for the VS6955CA is described by the frame format description registers,
see Table 10 on page 25. For CCP2 this results in a frame as shown in Figure 10 and for
CSI-2 it results in a frame as shown in Figure 11.
Figure 10. VS6955CA CCP2 frame format
Interframe padding
Bayer pixel data
FE
FS
3 embedded data lines
Frame start code
Frame end code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com