Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS6955CA Datasheet(PDF) 40 Page - STMicroelectronics

Part # VS6955CA
Description  5.0 megapixel fixed-focus camera module
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6955CA Datasheet(HTML) 40 Page - STMicroelectronics

Back Button VS6955CA Datasheet HTML 36Page - STMicroelectronics VS6955CA Datasheet HTML 37Page - STMicroelectronics VS6955CA Datasheet HTML 38Page - STMicroelectronics VS6955CA Datasheet HTML 39Page - STMicroelectronics VS6955CA Datasheet HTML 40Page - STMicroelectronics VS6955CA Datasheet HTML 41Page - STMicroelectronics VS6955CA Datasheet HTML 42Page - STMicroelectronics VS6955CA Datasheet HTML 43Page - STMicroelectronics VS6955CA Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 90 page
background image
Camera control interface (CCI)
VS6955CA
40/90
DocID028071 Rev 2
4.2.17
Integration and gain limit registers [0x1000 to 0x1089]
Table 25. Integration and gain limit registers [0x1000 to 0x1089]
Index
Byte
Register name
Data
type
Default
Type
Comment
1000
Hi
integration_capability
16UI
00
RO
This device supports coarse and
smooth (1 pixel) integration.
1001
Lo
01
1004
Hi
min_coarse
16UI
00
RO
Minimum coarse integration time (in
line periods).
1005
Lo
00
1006
Hi
coarse_margin
16UI
00
RO
Current frame length - current max
coarse exposure (in line periods).
1007
Lo
09
1008
Hi
min_fine
16UI
02
RO
Minimum fine integration time (in
pixels).
1009
Lo
AE
100a
Hi
fine_margin
16UI
08
RO
Current line length - maximum fine
exposure (pixel periods).
100b
Lo
02
1080
Hi
digital_gain_capability
16UI
00
RO
This device supports digital gain.
1081
Lo
01
1084
Hi
digital_gain_min
16UI
00
RO
Minimum supported digital gain
value.
1085
Lo
08
1086
Hi
digital_gain_max
16UI
01
RO
Maximum supported digital gain
value
1087
Lo
F8
1088
Hi
digital_gain_step_size
16UI
00
RO
Digital gain step size.
1089
Lo
08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com