Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS6955CA Datasheet(PDF) 76 Page - STMicroelectronics

Part # VS6955CA
Description  5.0 megapixel fixed-focus camera module
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6955CA Datasheet(HTML) 76 Page - STMicroelectronics

Back Button VS6955CA Datasheet HTML 72Page - STMicroelectronics VS6955CA Datasheet HTML 73Page - STMicroelectronics VS6955CA Datasheet HTML 74Page - STMicroelectronics VS6955CA Datasheet HTML 75Page - STMicroelectronics VS6955CA Datasheet HTML 76Page - STMicroelectronics VS6955CA Datasheet HTML 77Page - STMicroelectronics VS6955CA Datasheet HTML 78Page - STMicroelectronics VS6955CA Datasheet HTML 79Page - STMicroelectronics VS6955CA Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 90 page
background image
Electrical characteristics
VS6955CA
76/90
DocID028071 Rev 2
10.4
AC electrical and timing characteristics
In this section, typical values are quoted for nominal voltage, process and temperature and
maximum values are quoted for worst case conditions (process, voltage and functional
temperature).
10.4.1
Power supply (peak current) - VDIG, VANA
The peak current (in-rush) consumption of the sensor module is defined as any current
pulse >= 10µs. The duty cycle of the peak to the low part of the current profile is 33% with a
worst-case period of 500 µs.
10.4.2
System clock - EXTCLK
VOL
Low level output voltage(1)
0
0.2*VDIG
V
VOH
High level output voltage
0.8*VDIG
VDIG
V
IIL
Low level input current
-
-10
µA
IIH
High level input current
-
10
µA
1.
3 mA sink current.
Table 44. CCI interface (continued)
Symbol
Parameter
Minimum
Maximum
Unit
Table 45. In-rush current - VDIG, VANA (CSI-2)
Parameter
Digital
Analog
Unit
Typical
Maximum
Typical
Maximum
Boot clock peak current(1)
1.
This corresponds to the transient current when the module is powered up and the sensor is being set to
SW_Standby mode. Maximum value is given for maximum supply voltages and 70°C ambient temperature.
Typical value is for 25°C ambient temperature and supply voltages set to nominal value.
80
100
200
230
mA
Start streaming current(2)
2.
When the sensor is changed from software standby to streaming mode. Maximum value is given for
maximum supply voltages and 70°C ambient temperature. Typical value is for 25°C ambient temperature
and supply voltages set to nominal value.
80
100
200
210
mA
Stop streaming current(3)
3.
When the sensor is changed from streaming to software standby. Maximum value is given for maximum
supply voltages and 70°C ambient temperature. Typical value is for 25°C ambient temperature and supply
voltages set to nominal value.
80
105
100
140
mA
Table 46. System clock
Symbol
Parameter
Minimum
Maximum
Unit
VCL
DC coupled square wave low level
-0.5
0.3*VDIG
V
VCH
DC coupled square wave high level
0.7*VDIG
VDIG+0.5
V
fEXTCLK
Clock frequency input
6.0 - 1%(1)
1.
Nominal frequencies are 6.0 to 27 MHz with a 1% centre frequency tolerance.
27 + 1%(1)
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com