Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS6955CA Datasheet(PDF) 21 Page - STMicroelectronics

Part # VS6955CA
Description  5.0 megapixel fixed-focus camera module
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6955CA Datasheet(HTML) 21 Page - STMicroelectronics

Back Button VS6955CA Datasheet HTML 17Page - STMicroelectronics VS6955CA Datasheet HTML 18Page - STMicroelectronics VS6955CA Datasheet HTML 19Page - STMicroelectronics VS6955CA Datasheet HTML 20Page - STMicroelectronics VS6955CA Datasheet HTML 21Page - STMicroelectronics VS6955CA Datasheet HTML 22Page - STMicroelectronics VS6955CA Datasheet HTML 23Page - STMicroelectronics VS6955CA Datasheet HTML 24Page - STMicroelectronics VS6955CA Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 90 page
background image
DocID028071 Rev 2
21/90
VS6955CA
Functional description
21
3.6
Control and video interface formats
Image data is transferred from the VS6955CA using a high speed subLVDS serial link.The
serial control data is transferred to and from the VS6955CA using a CCI bus.
3.6.1
CCP/CSI-2 serial data link
Data signals (DATA+ and DATA-) and clock signals (CLK+ and CLK-) are transferred from
VS6955CA using two pairs of balanced 100
Ω impedance transmission lines.
The transmission line pairs and custom transmitters/receivers realize a very low voltage
differential (subLVDS) signalling scheme that can transfer information in a potentially noisy
environment.
For the CCP link or CSI-2 single lane interface, the VS6955CA supports the transmission of
raw Bayer data at 5.0 Mpixel resolution up to 23 fps in RAW8 or 10-8 bit format.
3.6.2
CCI serial control bus
The internal registers in VS6955CA can be configured by a master device via a CCI bus
(SDA, SCL). VS6955CA sends and receives commands over this bus at up to 400 Kbits/s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com